Electronic Components Datasheet Search
  English  ▼

X  

PS2602L Datasheet(PDF) 34 Page - NEC

Part # PS2602L
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2602L Datasheet(HTML) 34 Page - NEC

Back Button PS2602L Datasheet HTML 30Page - NEC PS2602L Datasheet HTML 31Page - NEC PS2602L Datasheet HTML 32Page - NEC PS2602L Datasheet HTML 33Page - NEC PS2602L Datasheet HTML 34Page - NEC PS2602L Datasheet HTML 35Page - NEC PS2602L Datasheet HTML 36Page - NEC PS2602L Datasheet HTML 37Page - NEC PS2602L Datasheet HTML 38Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
33
APPLICATION OF AC INPUT COMPATIBLE OPTOCOUPLER
INTRODUCTION
With the rapid penetration and diversification of electronic systems, demand for optocouplers is strengthening. Most popular are
products featuring compact design, low cost, and high added value.
To meet the market needs, NEC is expanding the optocoupler. This manual focuses on optocouplers compatible with AC input,
and covers configuration, principles of operation, and application examples.
CONFIGURATION (INTERNAL PIN CONNECTION DIAGRAM)
Figure 1 shows the internal pin connection of the AC input compatible optocoupler PS2505-1, and Figure 2, of the optocoupler
PS2501-1. The most significant difference from the optocoupler (PS2501-1) is that the PS2505-1 incorporates an input circuit
with two LEDs connected in reverse parallel. In the optocoupler (PS2501-1), one LED is connected in the input circuit so that the
LED emits light to provide a signal when a current flows in one direction (1-2 in Figure 2) (one-direction input type).
However, in the configuration shown in Figure 1, when a current flows in direction 1 to 2, LED1 emits light to send a signal, and
when it flows from 2 to 1, LED2 emits light to send a signal (bidirectional input type). Namely, even if the voltage level between 1
and 2 varies, and the positive and negative polarities are changed, either of two LEDs emits light to send a signal. This means
that the one direction input optocoupler permits DC input only, while the bidirectional input type permits AC input as well. There-
fore, the PS2505-1 is described as an AC input compatible optocoupler.
The next section describes the status of output signals when 100 Vac power is directly input to an AC input compatible
optocoupler (PS2505-1) via a current limit resistor.
Figure 1. PS2505-1
Figure 2. PS2501-1
1
2
4
3
(LED2)
(LED1)
1
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com