Electronic Components Datasheet Search
  English  ▼

X  

AD7725 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 5 Page - Analog Devices

  AD7725 Datasheet HTML 1Page - Analog Devices AD7725 Datasheet HTML 2Page - Analog Devices AD7725 Datasheet HTML 3Page - Analog Devices AD7725 Datasheet HTML 4Page - Analog Devices AD7725 Datasheet HTML 5Page - Analog Devices AD7725 Datasheet HTML 6Page - Analog Devices AD7725 Datasheet HTML 7Page - Analog Devices AD7725 Datasheet HTML 8Page - Analog Devices AD7725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. A
AD7725
–5–
Parameter
Symbol
Min
Typ
Max
Unit
CLKIN Frequency
f
CLKIN
114.4
MHz
CLKIN Period (t
CLK = 1/fCLKIN)t1
0.07
1
µs
CLKIN Low Pulse Width
t
2
0.45
t
1
0.55
t
1
CLKIN High Pulse Width
t
3
0.45
t
1
0.55
t
1
CLKIN Rise Time
t
4
5ns
CLKIN Fall Time
t
5
5ns
CLKIN to SCO Delay
t
6
35
50
ns
SCO Period:
SCR = 0
t
7
1t
CLK
SCR = 1
t
7
2t
CLK
SERIAL INTERFACE (DSP MODE ONLY)
FSI Setup Time before SCO Transition
t
8
30
ns
FSI Hold Time after SCO Transition
t
9
0ns
SDI Setup Time
t
10
30
ns
SDI Hold Time
t
11
0ns
SERIAL INTERFACE (DSP AND BFR MODES)
SCO Transition to FSO High Delay
t
12
20
ns
SCO Transition to FSO Low Delay
t
13
20
ns
SDO Setup before SCO Transition
t
14
10
ns
SDO Hold after SCO Transition
t
15
0ns
SERIAL INTERFACE (EPROM MODE)
SCO High Time
t
16
8t
CLK
SCO Low Time
t
17
8t
CLK
SOE Low to First SCO Rising Edge
t
18
20
t
CLK
Data Setup before SCO Rising Edge
t
19
22
ns
PARALLEL INTERFACE
DATA WRITE
RS Low to
CS Low
t
20
15
ns
WR Setup before CS Low
t
21
15
ns
RS Hold after
CS Rising Edge
t
22
0ns
CS Pulse Width
t
23
50
ns
WR Hold after CS Rising Edge
t
24
0ns
Data Setup Time
t
25
10
ns
Data Hold Time
t
26
5ns
DATA READ
RS Low to
CS Low
t
27
15
ns
RD Setup before
CS Low
t
28
15
ns
RS Hold after
CS Rising Edge
t
29
0ns
RD Hold after
CS Rising Edge
t
30
0ns
Data Valid after
CS Falling Edge3
t
31
30
ns
Data Hold after
CS Rising Edge
t
32
10
ns
STATUS READ/INSTRUCTION WRITE
CS Duty Cycle
t
33
1t
CLK
Interrupt Clear after
CS Low
t
34
15
ns
RD Setup to
CS Low
t
35
15
ns
RD Hold after
CS Rising Edge
t
36
0ns
Read Data Access Time
3
t
37
30
ns
Read Data Hold after
CS Rising Edge
t
38
10
ns
Write Data Setup before
CS Rising Edge
t
39
10
ns
Write Data Hold after
CS Rising Edge
t
40
5ns
NOTES
1Guaranteed by design.
2Guaranteed by characterization. All input signals are specified with tr
tf
5 ns (10% to 90% of DV
DD) and timed from a voltage level of 1.6 V.
3Measured with the load circuit in Figure 2 and defined as the time required for the output to cross 0.8 V and 2.4 V.
TIMING SPECIFICATIONS1, 2
(AVDD = 5 V
5%; DV
DD = 5 V
5%; AGND = DGND = 0 V, REF2 = 2.5 V,
unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com