Electronic Components Datasheet Search
  English  ▼

X  

AD7725 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7725 Datasheet HTML 10Page - Analog Devices AD7725 Datasheet HTML 11Page - Analog Devices AD7725 Datasheet HTML 12Page - Analog Devices AD7725 Datasheet HTML 13Page - Analog Devices AD7725 Datasheet HTML 14Page - Analog Devices AD7725 Datasheet HTML 15Page - Analog Devices AD7725 Datasheet HTML 16Page - Analog Devices AD7725 Datasheet HTML 17Page - Analog Devices AD7725 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
REV. A
–14–
AD7725–Typical Performance Characteristics
PERFORMANCE PLOTS
The following typical plots are generated using the digital filter shown in Figure 1.
(AV
DD = DVDD, TA = 25 C, CLKIN = 9.6 MHz, External Reference = 2.5 V, unless otherwise noted.)
ANALOG INPUT LEVEL – dB
110
100
30
–50
0
–40
–30
–20
90
60
50
80
70
40
–10
SFDR
THD
SNR
INPUT FREQUENCY = 10kHz
TPC 1. SNR, THD, and SFDR vs. Analog Input
Level Relative to Full Scale
CLKIN FREQUENCY – MHz
120
60
0
14.4
2.4
7.2
9.6
110
80
70
12
100
4.8
90
THD
SFDR
SNR
INPUT FREQUENCY = 10kHz
TPC 2. SNR, THD, and SFDR vs. Sampling Frequency
TEMPERATURE – C
110
105
70
–50
100
–25
0
25
100
85
80
95
90
75
75
SFDR
THD
SNR
INPUT FREQUENCY = 10kHz
50
TPC 3. SNR, THD, and SFDR vs. Temperature
CODE
5000
0
32717
32726
32718
32721 32722
4000
2000
1000
32724
8192 SAMPLES TAKEN
VIN(+) = V IN(–)
MAXIMUM OUTPUT DATA RATE
3000
32719 32720
32723
32725
TPC 4. Histogram of Output Codes for a DC Input
FREQUENCY – kHz
0
–20
–160
0
300
50
100
150
–40
–100
–120
–60
–80
–140
250
SNR = 84dB
THD = –93.85dB
SFDR = –98.47dB
AIN = 10kHz
MEASURED BW = 300kHz
200
TPC 5. 16k Point FFT
FREQUENCY – kHz
0
–20
–160
0
300
50
100
150
–40
–100
–120
–60
–80
–140
250
SNR = 80.48dB
THD = –90.62dB
SFDR = –98dB
AIN = 10kHz
MEASURED BW = 450kHz
200
350
400
450
TPC 6. 16k Point FFT for a 108 Tap Low-Pass FIR
Filter Operating with a CLKIN Frequency of 14.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com