Electronic Components Datasheet Search
  English  ▼

X  

AD7725 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 1 Page - Analog Devices

  AD7725 Datasheet HTML 1Page - Analog Devices AD7725 Datasheet HTML 2Page - Analog Devices AD7725 Datasheet HTML 3Page - Analog Devices AD7725 Datasheet HTML 4Page - Analog Devices AD7725 Datasheet HTML 5Page - Analog Devices AD7725 Datasheet HTML 6Page - Analog Devices AD7725 Datasheet HTML 7Page - Analog Devices AD7725 Datasheet HTML 8Page - Analog Devices AD7725 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD7725
16-Bit 900 kSPS - ADC with a
Programmable Postprocessor
FEATURES
Programmable Filtering:
Any Characteristic up to 108 Tap FIR and/or IIR
Polynomial Signal Conditioning up to 8th Order
Programmable Decimation and Output Word Rate
Flexible Programming Modes:
Boot from DSP or External EPROM
Parallel/Serial Interface
Internal Default Filter for Evaluation
14.4 MHz Max Master Clock Frequency
0 V to +4 V (Single-Ended) or
2 V (Differential) Input
Range
Power Supplies: AVDD, DVDD: 5 V
5%
On-Chip 2.5 V Voltage Reference
44-Lead MQFP Package
TYPICAL APPLICATIONS
Radar
Sonar
Auxiliary Car Functions
Medical Communications
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD7725 is a complete 16-bit, -
analog-to-digital con-
verter with on-chip, user-programmable signal conditioning. The
output of the modulator is processed by three cascaded finite
impulse response (FIR) filters, followed by a fully user-program-
mable postprocessor. The postprocessor provides processing
power of up to 130 million accumulates (MAC) per second. The
user has complete control over the filter response, the filter coeffi-
cients, and the decimation ratio.
The postprocessor permits the signal conditioning characteris-
tics to be programmed through a parallel or serial interface. It
is programmed by loading a user-defined filter in the form of a
configuration file. This filter can be loaded from a DSP or an
external serial EPROM. It is generated using a digital filter
design package called Filter Wizard, which is available from the
AD7725 section on the Analog Devices website.
Filter Wizard allows the user to design different filter types
and generates the appropriate configuration file to be down-
loaded to the postprocessor. The AD7725 also has an internal
default filter for evaluation purposes.
It provides 16-bit performance for input bandwidths up to
350 kHz with an output word rate of 900 kHz maximum. The
input sample rate is set either by the crystal oscillator or an
external clock.
This part has an accurate on-chip 2.5 V reference for the modu-
lator. A reference input/output function allows either the
internal reference or an external system reference to be used as
the reference source for the modulator.
The device is available in a 44-lead MQFP package and is speci-
fied over a –40
°C to +85°C temperature range.
2.5V
REFERENCE
POST-
PROCESSOR
DEFAULT FILTER
(ROM)
XTAL
CLOCK
PRESET
FILTER
MOD
CONTROL
LOGIC
UNI
HALF PWR
STBY
SYNC
S/
P
VIN (+)
VIN (–)
RD/
WR
SOE/CS
CFMT/RS
DVAL/INT
SDI/DB0
SCR/DB13
CFGEND/DB12
DB11
DB10
FSO/DB9
SMODE1/DB15
SMODE0/DB14
XTAL_OFF
XTAL
CLKIN
DVDD
DGND
REF2
REF1
AVDD
AGND
AD7725


Similar Part No. - AD7725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7725 AD-AD7725_15 Datasheet
447Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
More results

Similar Description - AD7725

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7660 AD-AD7660 Datasheet
218Kb / 20P
16-Bit, 100 kSPS CMOS ADC
REV.0
AD7665 AD-AD7665 Datasheet
348Kb / 24P
16-Bit, 570 kSPS CMOS ADC
REV.0
AD7612 AD-AD7612 Datasheet
818Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD1876 AD-AD1876_15 Datasheet
158Kb / 12P
16-Bit 100 kSPS Sampling ADC
REV. A
AD677 AD-AD677_15 Datasheet
430Kb / 16P
16-Bit 100 kSPS Sampling ADC
REV. A
AD7725 AD-AD7725_15 Datasheet
447Kb / 28P
16-Bit 900 kSPS ADC with a Programmable Postprocessor
REV. A
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
logo
Cirrus Logic
CDB5571-2 CIRRUS-CDB5571-2 Datasheet
689Kb / 26P
100 kSps, 16-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com