Electronic Components Datasheet Search
  English  ▼

X  

AD7725 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7725 Datasheet HTML 6Page - Analog Devices AD7725 Datasheet HTML 7Page - Analog Devices AD7725 Datasheet HTML 8Page - Analog Devices AD7725 Datasheet HTML 9Page - Analog Devices AD7725 Datasheet HTML 10Page - Analog Devices AD7725 Datasheet HTML 11Page - Analog Devices AD7725 Datasheet HTML 12Page - Analog Devices AD7725 Datasheet HTML 13Page - Analog Devices AD7725 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
REV. A
–10–
AD7725
Pin No.
Mnemonic S/P
Description
5
DVAL/INT
Serial Mode.
DVAL–Data Valid Logic Output. This output is low when there are no
overflows in the postprocessor and goes high when an overflow occurs in the postprocessor.
Parallel Mode. INT–Interrupt Logic Output. INT idles low. A logic high on this output pin
indicates that user intervention is required. There are several cases when this may occur:
•
An instruction is completed. Writing an instruction or reading the status register clears
the interrupt.
•
Write data is requested. Writing data clears the interrupt.
•
Read data is ready. Reading data clears the interrupt.
•
An error occurs – ID or CRC error in the configuration file format, or an overflow in
the postprocessor. Reading the status register clears the interrupt.
•
The device completes power-on reset. Reading the status register clears the interrupt.
6
DGND
Ground Reference for Digital Circuitry.
7
RD/
WR
Serial Mode. This input is not used in serial mode and should be tied to DGND.
Parallel Mode. Read/Write Logic Input. This input is used in conjunction with the
CS
input to read data from or write data to the device. A read cycle is initiated when RD/
WR
is high. A write cycle is initiated when RD/
WR is low. To read or write data, CS should be low.
8S/
P
Serial/Parallel Interface Select. When S/
P is tied low, parallel mode is selected. Serial
mode is selected when S/
P is tied high. To change the mode, a full power cycle needs
to be performed.
9, 10
AGND1
Digital Logic Power Supply Ground for the Analog Modulator.
11
AV
DD1
Digital Logic Power Supply for the Analog Modulator.
12
CLKIN
Clock Input. An external clock source can be applied directly to this pin with XTALOFF
tied high. Alternatively, a parallel resonant fundamental frequency crystal, in parallel with a
1 M
resistor, can be connected between the XTAL pin and the CLKIN pin with
XTALOFF tied low. External capacitors are then required from the CLKIN and XTAL
pins to ground. Consult the crystal manufacturer’s recommendation for the load capacitors.
In both cases, once power is applied to the AD7725, the clock input has to be continual.
13
XTAL
Input to Crystal Oscillator Amplifier. If an external clock is used, XTAL should be tied
to AGND1.
14
XTALOFF
Oscillator Enable Input. A logic high disables the crystal oscillator amplifier to allow the use
of an external clock source. Set low to enable the crystal oscillator amplifier when using an
external crystal between the CLKIN and XTAL pins.
15
HALF_PWR
Logic Input. When this input is low, the typical analog current is 50 mA and a maximum
CLKIN frequency of 14.4 MHz applies. When this input is high, the analog current typically
halves and a maximum CLKIN frequency of 9.6 MHz applies.
16, 18
AGND
Power Supply Ground for the Analog Modulator.
17
AV
DD
Power Supply Voltage for the Analog Modulator.
19
V
IN(–)
Negative Terminal of the Differential Analog Input.
20
V
IN(+)
Positive Terminal of the Differential Analog Input.
21
REF1
Reference Output. REF1 is connected to the output of the internal 2.5 V reference through a
3 k
resistor and to a reference buffer amplifier that drives the -
modulator. When the
internal reference is used, a 1
µF capacitor is required between REF1 and AGND to decouple
the band gap noise and REF2 should be decoupled to AGND with a 220 nF and a 10 nF
capacitor in parallel.
22
AGND2
Power Supply Ground for the Reference Circuitry, REF2, of the Analog Modulator.
23
REF2
Reference Input. REF2 connects to the output of an external buffer amplifier used to drive
the
- modulator. When REF2 is used as an input, REF1 must be connected to AGND
to disable the internal buffer amplifier.
24
UNI
Analog Input Range Select Input. The UNI pin selects the analog input range for either
bipolar (differential or single-ended input) or unipolar (single-ended input) operation. A
logic high input selects unipolar operation and a logic low input selects bipolar operation.
25
AGND
Power Supply Ground for the Analog Modulator.
26
AV
DD
Power Supply Voltage for the Analog Modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com