Electronic Components Datasheet Search
  English  ▼

X  

AD7725 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7725
Description  16-Bit 900 kSPS ADC with a Programmable Postprocessor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7725 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7725 Datasheet HTML 18Page - Analog Devices AD7725 Datasheet HTML 19Page - Analog Devices AD7725 Datasheet HTML 20Page - Analog Devices AD7725 Datasheet HTML 21Page - Analog Devices AD7725 Datasheet HTML 22Page - Analog Devices AD7725 Datasheet HTML 23Page - Analog Devices AD7725 Datasheet HTML 24Page - Analog Devices AD7725 Datasheet HTML 25Page - Analog Devices AD7725 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
REV. A
–22–
AD7725
Status Register
The status register is a 16-bit register that provides the user with
information about the status of the device. The information avail-
able to the user includes whether a configuration file was loaded
successfully, what errors if any, occurred the last instruction
written, and other information that may be useful to the user
when operating the device. To read the status register, RS is
taken high and RD/
WR is taken high. When CS is taken low, the
contents of the status register will be output. The status register is
shown in Table II and the instruction set in Table III.
Table II. Status Register
Bit
Name
Function
15
InstrBUSY
This bit is set to 1 when an
instruction is performed.
14
Data Ready
This bit is set to 1 when data is
ready to be read from the device
(a read data cycle is required).
13
Data Request
This bit is set to 1 when the device.
requires data to be written to it (a write
data cycle is required).
12
ID Error
This bit is set to 1 if the programming
data has an incorrect ID value.
11
CRC Error
This bit is set to 1 if corrupt
data is loaded into the device.
10
Data Error
This bit is set to 1 if an overflow occurs
to indicate that the conversion result is
invalid.
9
InstrReg[15]
Instruction Register Bit 15
8
InstrReg[13]
Instruction Register Bit 13
7
InstrReg[12]
Instruction Register Bit 12
6
InstrReg[11]
Instruction Register Bit 11
5
InstrReg[6]
Instruction Register Bit 6
4
InstrReg[5]
Instruction Register Bit 5
3
InstrReg[4]
Instruction Register Bit 4
2
InstrReg[1]
Instruction Register Bit 1
1
InstrReg[0]
Instruction Register Bit 0
0
CFGEND
Configuration End Flag. This is set to 1
when the device has been configured
correctly and is ready to start converting.
Table III. Instruction Set for Parallel Mode
Instruction
Hex Code
Description
RdID
0x8802
Read Device ID
RdCONV
0x8D21
Read Converter Data. When
this instruction is issued to the
AD7725, the device continues to
output conversion data until the
ABORT instruction is issued.
WrConfig
0x1800
Write Configuration Data
WrConfigEM
0x1A00
Write Configuration Data,
Mask Errors
ABORT
0x0000
Abort. This instruction is a
soft reset, that is, it breaks the
conversion process and leaves
the device in a clean state,
still configured, ready for the
next instruction.
BFR
0x2000
Boot from Internal ROM
Configuring the Device
Following power-up, the AD7725 is configured by loading a user-
defined filter from an external source via the parallel interface.
Three instructions are provided for configuring the AD7725 (see
Table III).
•
WrConfig (Write Configuration)
When this instruction is issued, the device generates an
interrupt every time a new word of the configuration data is
required. The interrupt is cleared on the falling edge of
CS
during the data write cycle. This continues until the com-
plete file is written. Immediately after the last word of the
configuration data is written, a final interrupt is asserted to
indicate “Instruction Done.”
However, if an error occurred during the configuration
process, for example, if the configuration data is corrupt or
in the wrong format, an interrupt will be asserted.
It is advised that when using this instruction, the status regis-
ter be read after each interrupt to ensure no errors occurred
and that the correct response is made. If configuration data is
corrupt, it will not be internally written to the postprocessor.
•
WrConfigEM (Write Configuration with Error Mask)
When this instruction is issued, no interrupts to signal errors
will ever be asserted during the download of the configura-
tion file. This saves reading the status register in response
to every interrupt as with the previous instruction. The
configuration process will always run through the 504
(42 writes
12 blocks) data write cycles in the configura-
tion file and once this is complete, the “Instruction Done”
interrupt is issued. In this case, the status register should be
checked at the end of the configuration to verify whether
any errors occurred. If configuration data is corrupt, it will
not be internally written to the postprocessor.
For evaluation purposes, the user can load the default filter
stored in internal ROM into the postprocessor. In this case the
following instruction should be issued:
•
BFR (Boot from ROM)
This instruction informs the device to load the configuration
data for the default filter stored in internal ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com