Electronic Components Datasheet Search
  English  ▼

X  

NSC800 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 34Page - National Semiconductor (TI) NSC800 Datasheet HTML 35Page - National Semiconductor (TI) NSC800 Datasheet HTML 36Page - National Semiconductor (TI) NSC800 Datasheet HTML 37Page - National Semiconductor (TI) NSC800 Datasheet HTML 38Page - National Semiconductor (TI) NSC800 Datasheet HTML 39Page - National Semiconductor (TI) NSC800 Datasheet HTML 40Page - National Semiconductor (TI) NSC800 Datasheet HTML 41Page - National Semiconductor (TI) NSC800 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
126 8-Bit Arithmetic (Continued)
76543210
00101111
Timing
M cycles1
T states4
Addressing Mode
Implied
NEG
Negate the Accumulator (2’s complement)
A
w 0 b A
S Set if result is negative
Z Set if result is zero
H Set according to borrow from
bit 4
PV Set only if Accumulator was
X’80 prior to operation
N Set
C Set only if Accumulator was not
X’00 prior to operation
76543210
11101101
01000100
Timing
M cycles2
T states8 (4 4)
Addressing Mode
Implied
CCF
Complement the carry flag
CY
w CY
S NA
Z NA
H Previous carry
PV NA
N Reset
C Complement of previous carry
76543210
00111111
Timing
M cycles1
T states4
Addressing Mode
Implied
SCF
Set the carry flag
CY
w 1
S NA
Z NA
H Reset
PV NA
N Reset
C Set
76543210
00110111
Timing
M cycles1
T states4
Addressing Mode
Implied
DAA
Adjust the Accumulator for BCD addition and subtraction
operations To be executed after BCD data has been oper-
ated upon the standard binary ADD ADC INC SUB SBC
DEC or NEG instructions (see ‘‘Register Addressing Arith-
metic’’ table)
S Set according to bit 7 of result
Z Set if result is zero
H Set according to instructions
PV Set according to parity of result
N NA
C Set according to instructions
76543210
00100111
Timing
M cycles1
T states4
Addressing Mode
Implied
IMMEDIATELY ADDRESSED ARITHMETIC
ADD
A n
Add the immediate data n to the Accumulator
A
w A a n
S Set if result is negative
Z Set if result is zero
H Set if carry from bit 3
PV Set if result exceeds 8-bit 2’s
complement range
N Reset
C Set if carry from bit 7
76543210
11000110
n
Timing
M cycles2
T states7 (4 3)
Addressing Mode
SourceImmediate
DestinationImplied
ADC
A n
Add with carry the immediate data n and the Accumulator
A
w A a n a CY
S Set if result is negative
Z Set if result is zero
H Set if carry from bit 3
PV Set if result exceeds 8-bit 2’s
complement range
N Reset
C Set according to carry from bit
7
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com