Electronic Components Datasheet Search
  English  ▼

X  

NSC800 Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 61Page - National Semiconductor (TI) NSC800 Datasheet HTML 62Page - National Semiconductor (TI) NSC800 Datasheet HTML 63Page - National Semiconductor (TI) NSC800 Datasheet HTML 64Page - National Semiconductor (TI) NSC800 Datasheet HTML 65Page - National Semiconductor (TI) NSC800 Datasheet HTML 66Page - National Semiconductor (TI) NSC800 Datasheet HTML 67Page - National Semiconductor (TI) NSC800 Datasheet HTML 68Page - National Semiconductor (TI) NSC800 Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
1216 Instruction Set Numerical Order (Continued)
Op Code
Mnemonic
3F
CCF
40
LD BB
41
LD BC
42
LD BD
43
LD BE
44
LD BH
45
LD BL
46
LD B(HL)
47
LD BA
48
LD CB
49
LD CC
4A
LD CD
4B
LD CE
4C
LD CH
4D
LD CL
4E
LD C(HL)
4F
LD CA
50
LD DB
51
LD DC
52
LD DD
53
LD DE
54
LD DH
55
LD DL
56
LD D(HL)
57
LD DA
58
LD EB
59
LD EC
5A
LD ED
5B
LD EE
5C
LD EH
5D
LD EL
5E
LD E(HL)
5F
LD EA
60
LD HB
61
LD HC
62
LD HD
63
LD HE
64
LD HH
65
LD HL
66
LD H(HL)
67
LD HA
68
LD LB
69
LD LC
6A
LD LD
6B
LD LE
6C
LD LH
6D
LD LL
6E
LD L(HL)
6F
LD LA
70
LD (HL)B
71
LD (HL)C
72
LD (HL)D
73
LD (HL)E
Op Code
Mnemonic
74
LD (HL)H
75
LD (HL)L
76
HALT
77
LD (HL)A
78
LD AB
79
LD AC
7A
LD AD
7B
LD AE
7C
LD AH
7D
LD AL
7E
LD A(HL)
7F
LD AA
80
ADD AB
81
ADD AC
82
ADD AD
83
ADD AE
84
ADD AH
85
ADD AL
86
ADD A(HL)
87
ADD AA
88
ADC AB
89
ADC AC
8A
ADC AD
8B
ADC AE
8C
ADC AH
8D
ADC AL
8E
ADC A(HL)
8F
ADC AA
90
SUB B
91
SUB C
92
SUB D
93
SUB E
94
SUB H
95
SUB L
96
SUB (HL)
97
SUB A
98
SBC AB
99
SBC AC
9A
SBC AD
9B
SBC AE
9C
SBC AH
9D
SBC AL
9E
SBC A(HL)
9F
SBC AA
A0
AND B
A1
AND C
A2
AND D
A3
AND E
A4
AND H
A5
AND L
A6
AND (HL)
A7
AND A
A8
XOR B
Op Code
Mnemonic
A9
XOR C
AA
XOR D
AB
XOR E
AC
XOR H
AD
XOR L
AE
XOR (HL)
AF
XOR A
B0
OR B
B1
OR C
B2
OR D
B3
OR E
B4
OR H
B5
OR L
B6
OR (HL)
B7
OR A
B8
CP B
B9
CP C
BA
CP D
BB
CP E
BC
CP H
BD
CP L
BE
CP (HL)
BF
CP A
C0
RET NZ
C1
POP BC
C2nn
JP NZnn
C3nn
JP nn
C4nn
CALL NZnn
C5
PUSH BC
C6n
ADD An
C7
RST 0
C8
RET Z
C9
RET
CAnn
JP Znn
CB00
RLC B
CB01
RLC C
CB02
RLC D
CB03
RLC E
CB04
RLC H
CB05
RLC L
CB06
RLC (HL)
CB07
RLC A
CB08
RRC B
CB09
RRC C
CB0A
RRC D
CB0B
RRC E
CB0C
RRC H
CB0D
RRC L
CB0E
RRC (HL)
CB0F
RRC A
CB10
RL B
CB11
RL C
CB12
RL D
(nn)eAddress of memory location
dedisplacement
nneData (16 bit)
d2edb2
neData (8-bit)
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com