Electronic Components Datasheet Search
  English  ▼

X  

NSC800 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 46Page - National Semiconductor (TI) NSC800 Datasheet HTML 47Page - National Semiconductor (TI) NSC800 Datasheet HTML 48Page - National Semiconductor (TI) NSC800 Datasheet HTML 49Page - National Semiconductor (TI) NSC800 Datasheet HTML 50Page - National Semiconductor (TI) NSC800 Datasheet HTML 51Page - National Semiconductor (TI) NSC800 Datasheet HTML 52Page - National Semiconductor (TI) NSC800 Datasheet HTML 53Page - National Semiconductor (TI) NSC800 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
1210 Exchanges (Continued)
EXX
Exchange the contents of the BC DE and HL registers with
their corresponding alternate register
BC
B’C’
No flags affected
DE
D’E’
HL
H’L’
76543210
11011001
Timing
M cycles
1
T states
4
Addressing Mode
Implied
REGISTERMEMORY
EX
(SP) ss
Exchange the two bytes at the top of the external memory
stack with the 16-bit register ss
(SP)
SSL
No flags affected
(SP a 1)
SSH
76543210
1
1
1
0
0
0
1
1
EX (SP) HL
Timing
M cycles
5
T states
19 (4 3 4 3 5)
Addressing Mode
RegisterRegister Indirect
76
5
4
3210
EX (SP) IX (for NX e 0)
11NX 11101
EX (SP)IY (for NX e 1)
11
1
0
0011
Timing
M cycles
6
T states
23 (4 4 3 4 3 5)
Addressing Mode
RegisterRegister Indirect
1211 Memory Block Moves and
Searches
SINGLE OPERATIONS
LDI
Move data from memory location (HL) to memory location
(DE)
increment memory pointers
and decrement byte
counter BC
(DE)
w (HL)
S NA
DE
w DE a 1
Z NA
HL
w HL a 1
H Reset
BC
w BC b 1
PV Set if BC b1 i 0 other-
wise reset
N Reset
C NA
76543210
11101101
10100000
Timing
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
LDD
Move data from memory location (HL) to memory location
(DE) and decrement memory pointer and byte counter BC
(DE)
w (HL)
S NA
DE
w DE b 1
Z NA
HL
w HL b 1
H Reset
BC
w BC b 1
PV Set if BC b1 i 0 other-
wise reset
N Reset
C NA
76543210
11101101
10101000
Timing
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
CPI
Compare data in memory location (HL) to the Accumulator
increment the memory pointer and decrement the byte
counter The Z flag is set if the comparison is equal
A b (HL)
S Set if result of comparison sub-
tract is negative
HL
w HL a 1
BC
w BC b 1
Z Set if result of comparison is
Z
w 1
zero
if A e (HL)
H Set according to borrow from
bit 4
PV Set if BC b 1 i 0 otherwise
reset
N Set
C NA
76543210
11101101
10100001
Timing
M cycles
4
T states
16 (4 4 3 5)
Addressing Mode
Register Indirect
CPD
Compare data in memory location (HL) to the Accumulator
and decrement the memory pointer and byte counter The Z
flag is set if the comparison is equal
A b (HL)
S Set if result is negative
HL
w HL b 1
Z Set if result of comparison is
zero
BC
w BC b 1
H Set according to borrow from
Z
w 1
bit 4
if A e (HL)
PV Set if BC b 1 i 0 otherwise
reset
N Set
C NA
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com