Electronic Components Datasheet Search
  English  ▼

X  

NSC800 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 11Page - National Semiconductor (TI) NSC800 Datasheet HTML 12Page - National Semiconductor (TI) NSC800 Datasheet HTML 13Page - National Semiconductor (TI) NSC800 Datasheet HTML 14Page - National Semiconductor (TI) NSC800 Datasheet HTML 15Page - National Semiconductor (TI) NSC800 Datasheet HTML 16Page - National Semiconductor (TI) NSC800 Datasheet HTML 17Page - National Semiconductor (TI) NSC800 Datasheet HTML 18Page - National Semiconductor (TI) NSC800 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
90 Timing and Control
91 INTERNAL CLOCK GENERATOR
An inverter oscillator contained on the NSC800 chip pro-
vides all necessary timing signals The chip operation fre-
quency is equal to one half of the frequency of this oscilla-
tor
The oscillator frequency can be controlled by one of the
following methods
1 Leaving the XOUT pin unterminated and driving the XIN
pin with an externally generated clock as shown in
Figure
6 When driving XIN with a square wave the minimum
duty cycle is 30% high
TLC5171 – 13
FIGURE 6 Use of External Clock
2 Connecting a crystal with the proper biasing network be-
tween XIN and XOUT as shown in Figure 7 Recommend-
ed crystal is a parallel resonance AT cut crystal
Note 1
If the crystal frequency is between 1 MHz and 2 MHz a series
resistor RS (470X to 1500X) should be connected between
XOUT and R XTAL and CZ Additionally the capacitance of C1
and C2 should be increased by 2 to 3 times the recommended
value For crystal frequencies less than 1 MHz higher values of
C1 and C2 may be required Crystal parameters will also affect
the capacitive loading requirements
2 MHz k
f(XTAL)
2
Re1MX
C1e20 pF
C2e34 pF
(Recommended)
TLC5171 – 14
FIGURE 7 Use Of Crystal
The CPU has a minimum clock frequency input (
XIN)of
300 kHz which results in 150 kHz system clock speed All
registers internal to the chip are static however there is
dynamic logic which limits the minimum clock speed The
input clock can be stopped without fear of losing any data or
damaging the part You stop it in the phase of the clock that
has XIN low and CLK OUT high When restarting the CPU
precautions must be taken so that the input clock meets
these minimum specification Once started the CPU will
continue operation from the same location at which it was
stopped During DC operation of the CPU typical current
drain will be 2 mA This current drain can be reduced by
placing the CPU in a wait state during an opcode fetch cycle
then stopping the clock For clock stop circuit see
Figure 8
TLC5171 – 36
FIGURE 8 Clock Stop Circuit
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com