Electronic Components Datasheet Search
  English  ▼

X  

NSC800 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button NSC800 Datasheet HTML 54Page - National Semiconductor (TI) NSC800 Datasheet HTML 55Page - National Semiconductor (TI) NSC800 Datasheet HTML 56Page - National Semiconductor (TI) NSC800 Datasheet HTML 57Page - National Semiconductor (TI) NSC800 Datasheet HTML 58Page - National Semiconductor (TI) NSC800 Datasheet HTML 59Page - National Semiconductor (TI) NSC800 Datasheet HTML 60Page - National Semiconductor (TI) NSC800 Datasheet HTML 61Page - National Semiconductor (TI) NSC800 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
1215 Instruction Set Alphabetical Order
ADC
A (HL)
8E
ADC
A (IXad)
DD 8Ed
ADC
A (IYad)
FD 8Ed
ADC
A A
8F
ADC
A B
88
ADC
A C
89
ADC
A D
8A
ADC
A E
8B
ADC
A H
8C
ADC
A L
8D
ADC
A n
CE n
ADC
HL BC
ED 4A
ADC
HL DE
ED 5A
ADC
HL HL
ED 6A
ADC
HL SP
ED 7A
ADD
A (HL)
86
ADD
A (IXad)
DD 86d
ADD
A (IYad)
FD 86d
ADD
A A
87
ADD
A B
80
ADD
A C
81
ADD
A D
82
ADD
A E
83
ADD
A H
84
ADD
A L
85
ADD
A n
C6 n
ADD
HL BC
09
ADD
HL DE
19
ADD
HL HL
29
ADD
HL SP
39
ADD
IX BC
DD 09
ADD
IX DE
DD 19
ADD
IX IX
DD 29
ADD
IX SP
DD 39
ADD
IY BC
FD 09
ADD
IY DE
FD 19
ADD
IY IY
FD 29
ADD
IY SP
FD 39
AND
(HL)
A6
AND
(IXad)
DD A6d
AND
(IYad)
FD A6d
AND
A
A7
AND
B
A0
AND
C
A1
AND
D
A2
AND
E
A3
AND
H
A4
AND
L
A5
AND
n
E6 n
BIT
0 (HL)
CB 46
BIT
0 (IXad)
DD CBd46
BIT
0 (IYad)
FD CBd46
BIT
0 A
CB 47
BIT
0 B
CB 40
BIT
0 C
CB 41
BIT
0 D
CB 42
BIT
0 E
CB 43
BIT
0 H
CB 44
BIT
0 L
CB 45
BIT
1 (HL)
CB 4E
BIT
1 (IXad)
DD CBd4E
BIT
1 (IYad)
FD CBd4E
BIT
1 A
CB 4F
BIT
1 B
CB 48
BIT
1 C
CB 49
BIT
1 D
CB 4A
BIT
1 E
CB 4B
BIT
1 H
CB 4C
BIT
1 L
CB 4D
BIT
2 (HL)
CB 56
BIT
2 (IXad)
DD CBd56
BIT
2 (IYad)
FD CBd56
BIT
2 A
CB 57
BIT
2 B
CB 50
BIT
2 C
CB 51
BIT
2 D
CB 52
BIT
2 E
CB 53
BIT
2 H
CB 54
BIT
2 L
CB 55
BIT
3 (HL)
CB 5E
BIT
3 (IXad)
DD CBd5E
BIT
3 (IYad)
FD CBd5E
BIT
3 A
CB 5F
BIT
3 B
CB 58
BIT
3 C
CB 59
BIT
3 D
CB 5A
BIT
3 E
CB 5B
BIT
3 H
CB 5C
BIT
3 L
CB 5D
BIT
4 (HL)
CB 66
BIT
4 (IXad)
DD CBd66
BIT
4 (IYad)
FD CBd66
BIT
4 A
CB 67
BIT
4 B
CB 60
BIT
4 C
CB 61
BIT
4 D
CB 62
BIT
4 E
CB 63
BIT
4 H
CB 64
BIT
4 L
CB 65
BIT
5 (HL)
CB 6E
BIT
5 (IXad)
DD CBd6E
BIT
5 (IYad)
FD CBd6E
BIT
5 A
CB 6F
BIT
5 B
CB 68
BIT
5 C
CB 69
BIT
5 D
CB 6A
(nn)eaddress of memory location
designed displacement
nneData (16 bit)
d2edb2
neData (8 bit)
58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com