Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 244 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 244 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 240Page - National Semiconductor (TI) SC2200 Datasheet HTML 241Page - National Semiconductor (TI) SC2200 Datasheet HTML 242Page - National Semiconductor (TI) SC2200 Datasheet HTML 243Page - National Semiconductor (TI) SC2200 Datasheet HTML 244Page - National Semiconductor (TI) SC2200 Datasheet HTML 245Page - National Semiconductor (TI) SC2200 Datasheet HTML 246Page - National Semiconductor (TI) SC2200 Datasheet HTML 247Page - National Semiconductor (TI) SC2200 Datasheet HTML 248Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 433 page
background image
www.national.com
244
Revision 3.0
Core Logic Module (Continued)
5.4.2.1
SMI Status Support Registers
F1 Index 10h, Base Address Register 0 (F1BAR0), points
to the base address for SMI Status register locations. Table
5-33 gives the bit formats of I/O mapped SMI Status regis-
ters accessed through F1BAR0.
The registers at F1BAR0+I/O Offset 50h-FFh can also be
accessed F0 Index 50h-FFh. The preferred method is to
program these registers through the F0 register space.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers
Bit
Description
Offset 00h-01h
Top Level PME/SMI Status Mirror Register (RO)
Reset Value: 0000h
Note:
Reading this register does not clear the status bits. For more information, see F1BAR0+I/O Offset 02h.
15
Suspend Modulation Enable Mirror. This bit mirrors the Suspend Mode Configuration bit (F0 Index 96h[0]). It is used by
the SMI handler to determine if the SMI Speedup Disable Register (F1BAR0+I/O Offset 08h) must be cleared on exit.
14
SMI SourceisUSB. Indicates whether or not an SMI was caused by USB activity
0: No.
1: Yes.
To enable SMI generation, set F5BAR0+I/O Offset 00h[20:19] to 11.
13
SMI Source is Warm Reset Command. Indicates whether or not an SMI was caused by a Warm Reset command.
0: No.
1: Yes.
12
SMI SourceisNMI. Indicates whether or not an SMI was caused by NMI activity.
0: No.
1: Yes.
11
SMI SourceisSuperI/O. Indicates whether or not an SMI was caused by SuperI/O.
0: No.
1: Yes.
The next level (second level) of SMI status is reported in the SuperI/O module. For more information, see Table 4-29 "Banks
0 and 1 - Common Control and Status Registers" on page 127, Offset 00h.
10
SMI SourceisEXT_SMI[7:0]. Indicates whether or not an SMI was caused by a negative-edge event on EXT_SMI[7:0].
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 24h[23:8].
9
SMI Source is GP Timers/UDEF/PCI/ISA Function Trap. Indicates if an SMI was caused by:
— Expiration of GP Timer 1 or 2.
— Trapped access to UDEF1, 2, or 3.
— Trapped access to F1-F5 or ISA Legacy register space.
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 04h/06h.
8
SMI Source is Software Generated. Indicates whether or not an SMI was caused by software.
0: No.
1: Yes.
7
SMIonanA20M# Toggle. Indicates whether or not an SMI was caused by a write access to either Port 92h or the keyboard
command which initiates an A20M# SMI.
0: No.
1: Yes.
This method of controlling the internal A20M# in the GX1 module is used instead of a pin.
To enable SMI generation, set F0 Index 53h[0] to 1.
6
SMI Source is a VGA Timer Event. Indicates whether or not an SMI was caused by the expiration of the VGA Timer (F0
Index 8Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[3] to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com