Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 251 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 251 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 247Page - National Semiconductor (TI) SC2200 Datasheet HTML 248Page - National Semiconductor (TI) SC2200 Datasheet HTML 249Page - National Semiconductor (TI) SC2200 Datasheet HTML 250Page - National Semiconductor (TI) SC2200 Datasheet HTML 251Page - National Semiconductor (TI) SC2200 Datasheet HTML 252Page - National Semiconductor (TI) SC2200 Datasheet HTML 253Page - National Semiconductor (TI) SC2200 Datasheet HTML 254Page - National Semiconductor (TI) SC2200 Datasheet HTML 255Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 433 page
background image
Revision 3.0
251
www.national.com
Core Logic Module (Continued)
16
EXT_SMI0 SMI Status. (Read to Clear) Indicates whether or not an SMI was caused by an assertion of EXT_SMI0.
0: No.
1: Yes.
To enable SMI generation, set bit 0 to 1.
15
EXT_SMI7 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI7.
0: No.
1: Yes.
To enable SMI generation, set bit 7 to 1.
14
EXT_SMI6 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI6.
0: No.
1: Yes.
To enable SMI generation, set bit 6 to 1.
13
EXT_SMI5 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI5.
0: No.
1: Yes.
To enable SMI generation, set bit 5 to 1.
12
EXT_SMI4 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI4.
0: No.
1: Yes.
To enable SMI generation, set bit 4 to 1.
11
EXT_SMI3 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI3.
0: No.
1: Yes.
To enable SMI generation, set bit 3 to 1.
10
EXT_SMI2 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI2.
0: No.
1: Yes.
To enable SMI generation, set bit 2 to 1.
9
EXT_SMI1 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI1.
0: No.
1: Yes.
To enable SMI generation, set bit 1 to 1.
8
EXT_SMI0 SMI Status. (Read Only) Indicates whether or not an SMI was caused by an assertion of EXT_SMI0.
0: No.
1: Yes.
To enable SMI generation, set bit 0 to 1.
7
EXT_SMI7 SMI Enable. When this bit is asserted, allow EXT_SMI7 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 23 (RC) and 15 (RO).
6
EXT_SMI6 SMI Enable. When this bit is asserted, allow EXT_SMI6 to generate an SMI on negative-edge events.
0: Disable.
1: Enable.
Top level SMI status is reported at F1BAR0+00h/02h[10].
Second level SMI status is reported at bits 22 (RC) and 14 (RO).
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com