Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 315 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 315 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 311Page - National Semiconductor (TI) SC2200 Datasheet HTML 312Page - National Semiconductor (TI) SC2200 Datasheet HTML 313Page - National Semiconductor (TI) SC2200 Datasheet HTML 314Page - National Semiconductor (TI) SC2200 Datasheet HTML 315Page - National Semiconductor (TI) SC2200 Datasheet HTML 316Page - National Semiconductor (TI) SC2200 Datasheet HTML 317Page - National Semiconductor (TI) SC2200 Datasheet HTML 318Page - National Semiconductor (TI) SC2200 Datasheet HTML 319Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 433 page
background image
Revision 3.0
315
www.national.com
6.0
Video Processor Module
The Video Processor module contains a high performance
video
back-end
accelerator,
a
video/graphics
Mixer/Blender, a Video Input Port (VIP), supporting two
output choices: CRT or TFT. The back-end accelerator
functions include horizontal and vertical scaling and filter-
ing of the video stream. The Mixer/Blender function
includes color space conversion, gamma correction, and
mixing or alpha blending the video and graphics streams.
General Features
• Hardware video acceleration
• Graphics/video overlay and blending
• Integrated CRT DACs and PLL
• Selection of interlaced and progressive video from the
GX1 module and the Direct Video Port
Video Input Port (VIP)
• CCIR-656 compatible
• Capture Video/VBI modes
• Direct Video/VBI modes
Hardware Video Acceleration
• Arbitrary X and Y interpolation using three line-buffers
• YUV-to-RGB color space conversion
• Horizontal filtering and downscaling
• Supports 4:2:2, 4:2:0 YUV formats and RGB 5:6:5
format
Graphics-Video Overlay and Blending
• Overlay of video up to 16 bpp
• Supports chroma key and color key for both graphics
and video streams
• Supports alpha-blending with up to three alpha windows
that can overlap one another
• 8-Bit alpha values with automatic increment or decre-
ment on each frame
• Optional Gamma Correction for video or graphics
Compatibility
• Supports Microsoft’s DirectDraw/Direct Video and
Display Control Interface (DCI) Version 2.0 for full
motion playback acceleration
• Compliant with PC98 and PC99 V0.7
• Compatible with VESA, VGA, DPMS, and DDC2
standards for enhanced display control and power
management
Integrated CRT DACs and PLL
• Support up to 135 MHz (three 8-bit DACs)
• PLL rateupto135 MHz
Display Modes
• Supports up to 16.8 million colors
• Supported CRT modes:
— 640x480x16 bpp at 60-85 Hz vertical refresh rates
— 800x600x16 bpp at 60-85 Hz vertical refresh rates
— 1024x768x16 bpp at 60-85 Hz vertical refresh rates
— 1280x1024x8 bpp at 60-75 Hz vertical refresh rates
• Supported TFT modes:
— TFT on IDE: FPCLK max is 40 MHz
— TFT on Parallel Port: FPCLK max is 80 MHz
— 640x480x16 bpp at 60-85 Hz vertical refresh rates
— 800x600x16 bpp at 60-85 Hz vertical refresh rates
— 1024x768x16 bpp at 60-75 Hz vertical refresh rates
— 1280x1024x8 bpp at 60 Hz vertical refresh rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com