Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 316 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 316 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 312Page - National Semiconductor (TI) SC2200 Datasheet HTML 313Page - National Semiconductor (TI) SC2200 Datasheet HTML 314Page - National Semiconductor (TI) SC2200 Datasheet HTML 315Page - National Semiconductor (TI) SC2200 Datasheet HTML 316Page - National Semiconductor (TI) SC2200 Datasheet HTML 317Page - National Semiconductor (TI) SC2200 Datasheet HTML 318Page - National Semiconductor (TI) SC2200 Datasheet HTML 319Page - National Semiconductor (TI) SC2200 Datasheet HTML 320Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 433 page
background image
www.national.com
316
Revision 3.0
Video Processor Module (Continued)
6.1
MODULE ARCHITECTURE
Figure 6-1 shows a top-level block diagram of the Video
Processor. For information about the relationship between
the Video Processor and the other modules of the SC2200,
see Section 1.2 on page 16. The Video Processor module
includes the following functions:
• Video Input Port
— CCIR-656 decoder
— Capture Video/VBI modes
— Direct Video mode
• Video Formatter
— Asynchronous video interface
— Horizontal/vertical scalers
—Filters
• Mixer/Blender
— Overlay with color/chroma key
— Gamma correction
— Color space converters
— Alpha blender
• Outputs
— CRT interface with DACs
—TFT interface
• Dot Clock PLL
The following subsections describe each block in detail.
Figure 6-1. Video Processor Block Diagram
VIP
Capture Video/VBI
Bus Master,
Video Formatter
Horizontal Downscaler,
Line Buffer, Horizontal
and Vertical Upscalers,
and Filters
Mixer/Blender
Overlay with Gamma
RAM and Alpha
Blending
Capture Video/VBI Data to
GX1 Video Frame Buffer
VIP Data
Video Data from GX1 Video Port
Video
Mux
Video
Data
TFT_IF
CRT_IF
DACs
Controller and
Direct Video/VBI
Controller
GX1 Graphics Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com