Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 317 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 317 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 313Page - National Semiconductor (TI) SC2200 Datasheet HTML 314Page - National Semiconductor (TI) SC2200 Datasheet HTML 315Page - National Semiconductor (TI) SC2200 Datasheet HTML 316Page - National Semiconductor (TI) SC2200 Datasheet HTML 317Page - National Semiconductor (TI) SC2200 Datasheet HTML 318Page - National Semiconductor (TI) SC2200 Datasheet HTML 319Page - National Semiconductor (TI) SC2200 Datasheet HTML 320Page - National Semiconductor (TI) SC2200 Datasheet HTML 321Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 433 page
background image
Revision 3.0
317
www.national.com
Video Processor Module (Continued)
6.2
FUNCTIONAL DESCRIPTION
To understand why the Video Processor functions as it
does, it is first important to understand the difference
between video and graphics. Video is pictures in motion,
which usually starts out in an encoded format (i.e.,
MPEG2, AVI, MPEG4) or is a TV broadcast. These pic-
tures or frames are generally dynamic and are drawn 24 to
30 frames per second. Conversely, graphic data is rela-
tively static and is drawn - usually using hardware acceler-
ators. Most IA devices need to support both video and
graphics displayed at the same time. For some IA devices,
such as set-top boxes, video is dominant. While for other
devices, such as consumer access devices and thin cli-
ents, graphics is dominant. What this means for the Video
Processor is that for video centric devices, graphics over-
lays the video; and for graphics centric devices, video over-
lays the graphics.
Video Support
The SC2200 gets video from two sources, either the VIP
block or the GX1 module’s video frame buffer. The VIP
block supports the CCIR-656 data protocol. The CCIR-656
protocol supports TV data (NTSC or PAL) and defines the
format for active video data and vertical blanking interval
(VBI) data. Conforming CCIR-656 data matches exactly
what is needed for a TV: full frame, interlaced, 27 MHz
pixel clock, and 50 or 60 Hz refresh rate. Full frame pixel
resolution and the refresh rate depends on the TV stan-
dard: NTSC, PAL, or SECAM.
If the VIP input data is full frame (conforming data), the
data can go directly from the VIP block to the Video For-
matter. This is known as Direct Video mode. In this mode,
the data never leaves the Video Processor module. Direct
Video mode can only be used under very specific condi-
tions which will be explained later. If the VIP data is less
than full frame (non conforming data), the VIP block will
bus master the video data to the GX1 module’s video
frame buffer. The GX1 module’s display controller then
moves the video data out of the video frame buffer and
sends it to the Video Formatter. Using this method the tem-
poral (refresh rate) and/or spatial (image less then full
screen) differences between the VIP data and the output
device are reconciled. This method is known as Capture
Video mode. How each mode is setup and operates is
explained further in Section 6.2.1 on page 319.
VBI Support
VBI (vertical blanking interval) data is placed in the video
data stream during a portion of the vertical retrace period.
The vertical retrace period physically consists of several
horizontal lines (24 for NTSC and 25 for PAL systems) of
non-active video. Data can be placed on some of these
lines for other uses.
The active video and vertical retrace period horizontal lines
are logically defined into 23 types: logical line 2 through
logical line 24 (no logical line 1). Logical lines 2 through 23
occur during the vertical retrace period and logical line 24
represents all the active video lines. Logical lines 10
through 21 for NTSC and 6 through 23 for PAL are the
nominal VBI lines. The rest of the logical lines, 2 through 9,
22, and 23 for NTSC and 2 through 6 for PAL occur during
the vertical retrace period but do not normally carry user
data. An example of VBI usage is Closed Captioning,
which occupies VBI logical line 21 for NTSC. Figure 6-2
and Figure 6-3 on page 318 show the (relationship
between the) physical scan lines and logical scan lines for
the odd andevenfieldsinthe NTSC format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com