Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 321 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 321 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 317Page - National Semiconductor (TI) SC2200 Datasheet HTML 318Page - National Semiconductor (TI) SC2200 Datasheet HTML 319Page - National Semiconductor (TI) SC2200 Datasheet HTML 320Page - National Semiconductor (TI) SC2200 Datasheet HTML 321Page - National Semiconductor (TI) SC2200 Datasheet HTML 322Page - National Semiconductor (TI) SC2200 Datasheet HTML 323Page - National Semiconductor (TI) SC2200 Datasheet HTML 324Page - National Semiconductor (TI) SC2200 Datasheet HTML 325Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 433 page
background image
Revision 3.0
321
www.national.com
Video Processor Module (Continued)
Figure 6-5. Capture Video Mode Bob Example Using One Video Frame Buffer
Weave
The Weave method assembles the odd field and even field
together to form the complete frame, and then renders the
“weaved” frames to the display device. The Video data is
converted from interlaced to progressive. Since both fields
are rendered simultaneously, the GX1 module’s video
frame buffer must be at least double buffered. The Weave
method has the advantage of not creating the temporal
effects that Bob does. The disadvantage of Weave is twice
as much data is transferred from the video frame buffer to
the Video Processor; meaning that Weave uses more
memory bandwidth.
Figure 6-6 on page 322 is an example of the Weave
method in action. As in the Bob example (Figure 6-5), a
CRT monitor at 85 Hz refresh is assumed. Double buffering
of the incoming data is also assumed. The example does
not assume anything about any scaling that may be done in
the Video Processor. No attempt has been made to assure
that this example is absolutely workable. The example is
only presented to allow for a general understanding of how
the SC2200’s video support hardware works.
The following procedure is an example of how to create the
Weave method. Since at least double buffering is required,
more of the VIP’s control registers are used for Weave than
required for Bob during video runtime.
1)
Program the VIP bus master address registers.
Three registers control where the VIP video data is
stored in the GX1 module’s frame buffer:
– F4BAR2+Memory Offset 20h – Video Data Odd
Base Address
– F4BAR2+Memory Offset 24h – Video Data Even
Base Address
– F4BAR2+Memory Offset 28h – Video Data Pitch
The Video Data Even Base Address must be sepa-
rated from the Video Data Odd Base Address by one
horizontal line. The Video Data Pitch register must be
programmed to one horizontal line.
2)
Program other VIP bus master support registers.
Ensure the VIP FIFO Bus Request Threshold is set to
32 bytes (F4BAR2+Memory Offset 00h[22] = 1) and
the Video Input Port mode is set to CCIR-656
(F4BAR2+Memory Offset 00h[1:0] = 10). An interrupt
needs to be generated so that the GX1 module’s video
frame buffer pointer can flip to the field that has com-
pleted transfer to the video frame buffer. So the Field
Interrupt bit (F4BAR2+Memory Offset 04h[16] = 1).
must
be
enabled.
Auto-Flip
is
normally
set
(F4BAR2+Memory Offset 04h[10] = 0) to allow the
CCIR-656 decoder to identify which field is being pro-
cessed. Capture video data needs to be enabled
(F4BAR2+Memory Offset 04h[10] = 1) and Run Mode
Capture is set to Start Capture (F4BAR2+Memory Off-
set 04h[1:0] = 11) at beginning of next field. Data is
now being captured to the frame buffer.
Video Data Odd Base
Video Data Even Base
DC_VID_ST_OFFSET
Odd
Field
Even
Field
GX1 Module’s Video Frame Buffer
123456789
10
11
12
13
14
15
16
17
1
2
3
4
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
22 23
Capture video fill
Video subsystem
85 frames per second
5
5
21
30 frames per second
(F4BAR2+Memory Offset 24h)
Address not changed during runtime
(GX_BASE+Memory Offset 8320h)
Ping-pongs between the two buffers during runtime
(F4BAR2+Memory Offset 20h)
Address not changed
during runtime
Buf #1
sequence
empty sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com