Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 324 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 324 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 320Page - National Semiconductor (TI) SC2200 Datasheet HTML 321Page - National Semiconductor (TI) SC2200 Datasheet HTML 322Page - National Semiconductor (TI) SC2200 Datasheet HTML 323Page - National Semiconductor (TI) SC2200 Datasheet HTML 324Page - National Semiconductor (TI) SC2200 Datasheet HTML 325Page - National Semiconductor (TI) SC2200 Datasheet HTML 326Page - National Semiconductor (TI) SC2200 Datasheet HTML 327Page - National Semiconductor (TI) SC2200 Datasheet HTML 328Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 433 page
background image
www.national.com
324
Revision 3.0
Video Processor Module (Continued)
6.2.2.2
Horizontal Downscaler with 4-Tap Filtering
The Video Processor implements up to 8:1 horizontal
downscaling with 4-tap filtering for horizontal interpolation.
Filtering is performed on video data input to the Video Pro-
cessor. This data is fed to the filter and then to the down-
scaler. There is a bypass path for both filtering and
downscaling logic. If this bypass is enabled, video data is
written directly into the line buffers. (See Figure 6-8.)
Filtering
There are four 4-bit coefficients which can have pro-
grammed values of 0 to 15. The filter coefficients can be
programmed via the Video Downscaler Coefficient register
(F4BAR0+Memory Offset 40h) to increase picture quality.
Horizontal Downscaler
The Video Processor supports horizontal downscaling. The
downscaler can be implemented in the Video Processor to
shrink the video window by a factor of up to 8:1, in 1-pixel
increments. The downscaler factor (m) is programmed in
the Video Downscaler Control register (F4BAR0+Memory
Offset 3Ch[4:1]). If bit 0 of this register is set to 0, the down-
scaler logic is bypassed.
The horizontal downscaler supports downscaling of video
data input format YUV 4:2:2 only.
The downscaler supports up to 29 downscaler factors.
There are two types of factors:
• Type A is (1/m+1). One pixel is retained, and m pixels
are dropped. This enables downscaling factors of 1/16,
1/15, 1/14, 1/13, 1/12, 1/11, 1/10, 1/9,1/8, 1/7, 1/6, 1/5,
1/4, 1/3, and 1/2.
• Type B is (m/m+1). m pixels are retained, and one pixel
is dropped. This enables downscaling factors of 2/3, 3/4,
4/5, 5/6, 6/7, 7/8, 8/9, 9/10, 10/11, 11/12, 12/13, 13/14,
14/15, and 15/16.
Bit
6
of
the
Video
Downscaler
Control
register
(F4BAR0+Memory Offset 3Ch) selects the type of down-
scalingfactortobe used.
Note:
There is no vertical downscaling in the Video Pro-
cessor.
Figure 6-8. Horizontal Downscaler Block Diagram
Bypass
4-Tap
Horizontal
4x4
Downscale
Video
Input
Filtering
Coefficients
Downscaler
Factors
To Line
Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com