Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 326 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 326 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 322Page - National Semiconductor (TI) SC2200 Datasheet HTML 323Page - National Semiconductor (TI) SC2200 Datasheet HTML 324Page - National Semiconductor (TI) SC2200 Datasheet HTML 325Page - National Semiconductor (TI) SC2200 Datasheet HTML 326Page - National Semiconductor (TI) SC2200 Datasheet HTML 327Page - National Semiconductor (TI) SC2200 Datasheet HTML 328Page - National Semiconductor (TI) SC2200 Datasheet HTML 329Page - National Semiconductor (TI) SC2200 Datasheet HTML 330Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 433 page
background image
www.national.com
326
Revision 3.0
Video Processor Module (Continued)
6.2.3
Mixer/Blender Block
The Mixer/Blender block of the Video Processor module
performs all the necessary functions to properly mix/blend
the video data and the graphics data. These functions
include Color Space Conversion (CSC), optional Gamma
correction, color/chroma key, and the mixing/blending logic.
See Figure 6-10 for block diagram of the Mixer/Blender
Block.
Video/Graphics mixing/blending must be performed in the
RGB format. The YUV to RGB CSC (Section 6.2.3.1 on
page 327) must be used on the video data if it is in YUV for-
mat. If Gamma Correction (see Section 6.2.3.2) on the
video data is desired, it must be done in the color space of
the input video data, which can be either YUV or RGB. If
Gamma Correction on the graphics data is desired, it must
be done in the color space of the input graphics data, which
is RGB.
The video data can be in progressive or interlaced format,
while the graphics data is always in the progressive format.
The Mixer/Blender can mix/blend either format of video
data with graphics data. F4BAR0+Memory Offset 4Ch[9]
programs the mix/blend format. Considering the color
space and the data format, the Mixer/Blender supports five
types of mixing/blending. Some of the mixing/blending
types have additional programming considerations to
enable them to work optimally. The valid mixing/blending
configurations are listed in see Table 6-1 on page 327
along with any additional programming requirements.
Figure 6-10. Mixer/Blender Block Diagram
Video, 4:4:4
Graphics,
Optional
Gamma
Correction
RAM
CSC
YUV to
RGB
Color/Chroma
Key and
Mixer/Blender
CRT DACs and
TFT Interface
01
/G_V_GAMMA * GAMMA_EN
G_V_GAMMA * GAMMA_EN
G_V_GAMMA
CSC_FOR_VIDEO
YUV or RGB
Cursor Color Key
COLOR_CHROMA_SEL
Color/Chroma Key
Compare
Compare
RGB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com