Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 330 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 330 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 326Page - National Semiconductor (TI) SC2200 Datasheet HTML 327Page - National Semiconductor (TI) SC2200 Datasheet HTML 328Page - National Semiconductor (TI) SC2200 Datasheet HTML 329Page - National Semiconductor (TI) SC2200 Datasheet HTML 330Page - National Semiconductor (TI) SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) SC2200 Datasheet HTML 334Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 433 page
background image
www.national.com
330
Revision 3.0
Video Processor Module (Continued)
Figure 6-12. Color Key and Alpha Blending Logic
Color register
enabled for this
window
“Graphics2
inside Video”
is enabled
Cursor color
key matches
graphics value
Pixel outside
the video
window
No
Yes
Use selected
cursor color for
pixel
No
No
Pixel value3
matches normal
color key
Yes
No
Blend graphics
values and video
values using the
alpha value for
this window
Pixel value3
matches normal
color key
No
Use graphics
value for this pixel
Yes
Yes
Replace the value
with the color
register value
Yes
Start
Notes:
1)
Alpha window should not be placed outside of the video window.
2)
“Graphics inside Video” is enabled via bit GFX_INS_VIDEO in the Video De-interlacing and Alpha Control register
(F4BAR0+Memory Offset 4Ch[8]).
3)
The “Pixel Value” refers to either the Video value or the Graphics value, depending on the setting of bit COLOR_CHROMA_SEL
in the Display Configuration register (F4BAR0+Memory Offset 04h[20]).
Yes
Use graphics
value for this pixel
Use video
value for this
pixel
Yes
COLOR_CHROMA
_SEL = 1
No
No
No
Yes
Use graphics
value for this
pixel
Use video
value for this
pixel
No
Yes
Yes
No
Pixel inside1
alpha window
COLOR_CHROMA
_SEL = 1
COLOR_CHROMA
_SEL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com