Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 329 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 329 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 325Page - National Semiconductor (TI) SC2200 Datasheet HTML 326Page - National Semiconductor (TI) SC2200 Datasheet HTML 327Page - National Semiconductor (TI) SC2200 Datasheet HTML 328Page - National Semiconductor (TI) SC2200 Datasheet HTML 329Page - National Semiconductor (TI) SC2200 Datasheet HTML 330Page - National Semiconductor (TI) SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 433 page
background image
Revision 3.0
329
www.national.com
Video Processor Module (Continued)
Mixing/Blending Operation
Table 6-2 on page 329 shows the truth table used to create
the flow diagram, Figure 6-12 on page 330, that the
Mixer/Blender logic uses to determine each pixels disposi-
tion.
Table 6-2. Truth Table for Alpha Blending
COLOR_
CHROMA_SEL1
Windows
Configuration2
Graphics
Data Match
Cursor
Color Key
Graphics
Data Match
Normal
Color Key
Video Data
Match
Normal
Color Key
Mixer Output
x
x
x
Yes
x
x
Cursor Color
x
Not in Video
Window
x
No
x
x
Graphics Data
Graphics Color
Key
(COLOR_
CHROMA_SEL
=0)
Not inanAlpha
Window
GFX_INS_VIDEO = 0
No
Yes
x
Video Data
No
No
x
Graphics Data
GFX_INS_VIDEO = 1
No
x
x
Video Data
Inside Alpha
Window x
ALPHAx_COLOR_REG_EN = 1
No
Yes
x
Color from
Color Register
ALPHAx_COLOR_REG_EN = 0
No
Yes
x
Video Data
x
No
No
x
Alpha-blended
Data
Video Chroma
Key
(COLOR_
CHROMA_SEL
=1)
Not inanAlpha
Window
GFX_INS_VIDEO = 0
No
x
Yes
Graphics Data
No
x
No
Video Data
GFX_INS_VIDEO = 1
No
x
x
Graphics Data
Inside Alpha
Window x
ALPHAx_COLOR_REG_EN = 1
No
x
Yes
Color from
Color Register
ALPHAx_COLOR_REG_EN = 0
No
x
Yes
Graphics Data
x
No
x
No
Alpha-blended
Data
1.
COLOR_CHROMA_SEL: F4BAR0+Memory Offset 04h[20].
2.
GFX_INS_VIDEO: F4BAR0+Memory Offset 4Ch[8].
ALPHAx_COLOR_REG_EN: F4BAR0+Memory Offsets 68h[24], 78h[24], and 88h[24].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com