Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 333 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 333 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 329Page - National Semiconductor (TI) SC2200 Datasheet HTML 330Page - National Semiconductor (TI) SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) SC2200 Datasheet HTML 334Page - National Semiconductor (TI) SC2200 Datasheet HTML 335Page - National Semiconductor (TI) SC2200 Datasheet HTML 336Page - National Semiconductor (TI) SC2200 Datasheet HTML 337Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 433 page
background image
Revision 3.0
333
www.national.com
Video Processor Module (Continued)
6.2.7
Integrated PLL
The integrated (CRT) PLL can generate frequencies up to
135MHz from asingle27MHz source.The clockfre-
quency is programmable using two registers. Figure 6-15
shows the block diagram of the Video Processor integrated
PLL.
FREF is 27 MHz, generated by an external crystal and an
integrated oscillator. FOUT is calculated from:
FOUT = (m + 1) / (n+ 1) x FREF
The integrated PLL can generate any frequency by writing
into the CRT-m and CRT-n bit fields (FBAR0+Memory Off-
set 2Ch). Additionally, 16 preprogrammed VGA frequencies
can be selected via the PLL Clock Select register
(F4BAR0+Memory Offset 2Ch[19:16]), if the crystal oscilla-
tor has a frequency of 27 MHz. This PLL can be powered
down via the Miscellaneous register (F4BAR0+Memory
Offset 28h[12]).
Figure 6-15. PLL Block Diagram
FREF
FOUT
n
Phase
Charge
m
VCO
Compare
Divider
Divider
Pump
Loop
Filter
Out
Divide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com