Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 335 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 335 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) SC2200 Datasheet HTML 334Page - National Semiconductor (TI) SC2200 Datasheet HTML 335Page - National Semiconductor (TI) SC2200 Datasheet HTML 336Page - National Semiconductor (TI) SC2200 Datasheet HTML 337Page - National Semiconductor (TI) SC2200 Datasheet HTML 338Page - National Semiconductor (TI) SC2200 Datasheet HTML 339Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 433 page
background image
Revision 3.0
335
www.national.com
Video Processor Module (Continued)
Table 6-4. F4BAR0: Video Processor Configuration Registers Summary
F4BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-7)
00h-03h
32
R/W
Video Configuration Register
00000000h
Page 339
04h-07h
32
R/W
Display Configuration Register
x0000000h
Page 340
08h-0Bh
32
R/W
Video X Position Register
00000000h
Page 341
0Ch-0Fh
32
R/W
Video Y Position Register
00000000h
Page 341
10h-13h
32
R/W
Video Upscaler Register
00000000h
Page 342
14h-17h
32
R/W
Video Color Key Register
00000000h
Page 342
18h-1Bh
32
R/W
Video Color Mask Register
00000000h
Page 342
1Ch-1Fh
32
R/W
Palette Address Register
xxxxxxxxh
Page 342
20h-23h
32
R/W
Palette Data Register
xxxxxxxxh
Page 343
24h-27h
32
RO
Reserved
---
Page 343
28h-2Bh
32
R/W
Miscellaneous Register
00001400h
Page 343
2Ch-2Fh
32
R/W
PLL2 Clock Select Register
00000000h
Page 343
30h-33h
32
---
Reserved
00000000h
Page 344
34h-37h
32
RO
Reserved
00000000h
Page 344
38h-3Bh
32
RO
Reserved
00000000h
Page 344
3Ch-3Fh
32
R/W
Video Downscaler Control Register
00000000h
Page 344
40h-43h
32
R/W
Video Downscaler Coefficient Register
00000000h
Page 344
44h-47h
32
R/W
CRC Signature Register
xxxxx100h
Page 344
48h-4Bh
32
RO
Device and Revision Identification
0000015xh
Page 345
4Ch-4Fh
32
R/W
Video De-Interlacing and Alpha Control Register
00060000h
Page 345
50h-53h
32
R/W
Cursor Color Key Register
00000000h
Page 346
54h-57h
32
R/W
Cursor Color Mask Register
00000000h
Page 346
58h-5Bh
32
R/W
Cursor Color Register 1
00000000h
Page 347
5Ch-5Fh
32
R/W
Cursor Color Register 2
00000000h
Page 347
60h-63h
32
R/W
Alpha Window 1 X Position Register
00000000h
Page 347
64h-67h
32
R/W
Alpha Window 1 Y Position Register
00000000h
Page 347
68h-6Bh
32
R/W
Alpha Window 1 Color Register
00000000h
Page 347
6Ch-6Fh
32
R/W
Alpha Window 1 Control Register
00000000h
Page 348
70h-73h
32
R/W
Alpha Window 2 X Position Register
00000000h
Page 348
74h-77h
32
R/W
Alpha Window 2 Y Position Register
00000000h
Page 348
78h-7Bh
32
R/W
Alpha Window 2 Color Register
00000000h
Page 348
7Ch-7Fh
32
R/W
Alpha Window 2 Control Register
00000000h
Page 349
80h-83h
32
R/W
Alpha Window 3 X Position Register
00000000h
Page 349
84h-87h
32
R/W
Alpha Window 3 Y Position Register
00000000h
Page 349
88h-8Bh
32
R/W
Alpha Window 3 Color Register
00000000h
Page 349
8Ch-8Fh
32
R/W
Alpha Window 3 Control Register
00000000h
Page 350
90h-93h
32
R/W
Video Request Register
001B0017h
Page 350
94h-97h
32
RO
Alpha Watch Register
00000000h
Page 350
98h-3FFh
---
Reserved
---
Page 350
400h-403h
32
R/W
Video Processor Display Mode Register
00000000h
Page 350
404h-407h
32
---
Reserved
00000000h
Page 351
408h-40Bh
32
R/W
Video Processor Test Mode Register
00000000h
Page 351
40Ch-41Fh
---
---
Reserved
00000000h
Page 351
420h-423h
32
R/W
GenLock Register
00000000h
Page 351
424h-427h
32
R/W
GenLock Delay Register
00000000h
Page 351
428h-43Bh
---
---
Reserved
---
Page 351
43Ch-43Fh
32
R/W
Continuous GenLock Time-out Register
1FFF1FFFh
Page 351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com