Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 339 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 339 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 335Page - National Semiconductor (TI) SC2200 Datasheet HTML 336Page - National Semiconductor (TI) SC2200 Datasheet HTML 337Page - National Semiconductor (TI) SC2200 Datasheet HTML 338Page - National Semiconductor (TI) SC2200 Datasheet HTML 339Page - National Semiconductor (TI) SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 433 page
background image
Revision 3.0
339
www.national.com
Video Processor Module (Continued)
6.3.2.1
Video Processor Support Registers - F4BAR0
F4 Index 10h, Base Address Register 0 (F4BAR0) sets the
base address that allows PCI access to the Video Proces-
sor support registers, not including VIP. A separate base
address register (F4BAR2) is used to access VIP support
registers (see Section 6.3.2.2 on page 352).
Note:
Reserved bits that are not defined as “must be set
to 0 or 1" should be written with a value that is read
from them.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers
Bit
Description
Offset 00h-03h
Video Configuration Register (R/W)
Reset Value: 00000000h
Configuration register for options of the motion video acceleration hardware.
31:29
Reserved. Must be set to 0.
28
EN_42X (Enable 4:2:x Format). Allows format selection.
0: 4:2:2 format.
1: 4:2:0 format.
Note: When input video stream in RGB (i.e., F4BAR0+Memory Offset 4Ch[13] = 1), this bit must be set to 0.
27
BIT_8_LINE_SIZE. When enabled, this bit increases line size from VID_LIN_SIZ (bits [15:8]) DWORDs by adding 256
DWORDs.
0: Disable.
1: Enable.
26:25
Reserved. Must be set to 0.
24:16
INIT_RD_ADDR (Initial Buffer Read Address). This field preloads the starting read address for the line buffers at the
beginning of each display line. It is used for hardware clipping of the video window at the left edge of the active display. It
represents the DWORD address of the source pixel which is to be displayed first.
For an unclipped window, this value should be 0. For 4:2:0 format, set bits [17:16] to 00.
15:8
VID_LIN_SIZ (Video Line Size). Represents the number of DWORDs that make up the horizontal size of the source video
data.
7
YFILT_EN (Y Filter Enable). Enables/disables the vertical filter.
0: Disable. Upscaling done by repeating pixels.
1: Enable. Upscaling done by interpolating pixels.
Note: This bit is used with Y upscaling logic. Reset to 0 when not required.
6
XFILT_EN (X Filter Enable). Enables/disables the horizontal filter.
0: Disable. Upscaling done by repeating pixels.
1: Enable. Upscaling done by interpolating pixels.
Note: This bit is used with X upscaling logic. Reset to 0 when not required.
5:4
Reserved.
3:2
VID_FMT (Video Format). Byte ordering of video data on the Video Input bus (VPD[7:0]). The interpretation of these bits
depends on the settings of bit 13 (GV_SEL) in the Video De-Interlacing and Alpha Control register (F4BAR0+Memory Offset
4Ch) and bit 28 (EN_42X) of this register.
If GV_SEL = 0 and EN_42X = 0:
00: Cb Y0 Cr Y1
10: Y0 Cb Y1 Cr
01: Y1 Cr Y0 Cb
11: Y0 Cr Y1 Cb
If GV_SEL = 0 and EN_42X = 1:
00: Y0 Y1 Y2 Y3
10: Y1 Y0 Y3 Y2
01: Y3 Y2 Y1 Y0
11: Y1 Y2 Y3 Y0
If GV_SEL = 1 and EN_42X = 0:
00: P1L P1M P2L P2M
10: P1M P1L P2M P2L
01: P2M P2L P1M P1L
11: P1M P2L P2M P1L
If GV_SEL = 1 and EN_42X = 1: Reserved
Note:
Both RGB 5:6:5 and YUV 4:2:2 contain two pixels in each 32-bit DWORD. YUV 4:2:0 contains a stream of Y data
for each line, followed by U and V data for that same line.
1
Reserved.
0
VID_EN (Video Enable). Enables video acceleration hardware.
0: Disable (reset) video module.
1: Enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com