Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 340 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 340 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 336Page - National Semiconductor (TI) SC2200 Datasheet HTML 337Page - National Semiconductor (TI) SC2200 Datasheet HTML 338Page - National Semiconductor (TI) SC2200 Datasheet HTML 339Page - National Semiconductor (TI) SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 433 page
background image
www.national.com
340
Revision 3.0
Video Processor Module (Continued)
Offset 04h-07h
Display Configuration Register (R/W)
Reset Value: x0000000h
General configuration register for display control. This register is also used to determine how graphics and video data are to be com-
bined in the display on the output device.
31
DDC_SDA_IN (DDC Input Data). (Read Only) Returns the value from the DDC_SDA signal (ball C20, muxed with
IDE_DATA9) connected to pin 12 of the VGA connector.
30:28
Reserved.
27
FP_ON_STATUS (Flat Panel On Status). (Read Only) Shows whether power to the attached flat panel is on or off. This bit
transitions at the end of the power-up or power-down sequence.
0: Power to the flat panel is off.
1: Power to the flat panel is on.
26
DAC_VREF (CRT DAC Voltage Reference). When set to 1, this bit enables use of an external voltage reference for CRT
DAC.
0: Disable external VREF. Enable Internal VREF.
1: Use external VREF. Connect an external voltage reference to the VREF signal (ball P1).
25
Reserved. Must be set to 0.
24
DDC_OE (DDC Output Enable). Selects the direction of signal DDC_SDA (ball C20, muxed with IDE_DATA9). This bit indi-
cates the direction of DDC data flow between the Video Processor and a CRT.
0: Input.
1: Output. DDC data is sent from the Video Processor to the CRT.
23
DDC_SDA_OUT (DDC Output Data). DDC data bit for output.
22
DDC_SCL (DDC Serial Clock). Provides the serial clock for the interface using the DDC_SCL signal (ball A20, muxed with
IDE_DATA10).
21
GV_GAMMA_SRC (Graphics or Video Gamma Source Data). Selects whether the graphics or video data goes to the
Gamma Correction RAM. GAMMA_EN (F4BAR0+Memory Offset28h[0]) must be enabled for the selected data source to
pass through the Gamma Correction RAM.
0: Graphics data to Gamma Correction RAM.
1: Video data to Gamma Correction RAM.
Note:
Gamma Correction is always in the RGB domain for graphics data.
Gamma Correction can be in the YUV or RGB domain for video data.
20
COLOR_CHROMA_SEL (Color or Chroma Key Select). Selects whether the graphics is used for color keying or the video
data stream is used for chroma keying.
0: Graphics data is compared to the color key.
1: Video data is compared to the chroma key.
19:17
PWR_SEQ_DLY (Power Sequence Delay). Selects the number of frame periods that transpire between successive transi-
tions of the power sequence control lines.
16:14
CRT_SYNC_SKW (CRT Sync Skew). Represents the number of pixel clocks to skew the horizontal and vertical sync that
are sent to the CRT. This field should be programmed to 100 at the baseline. Via this register, the sync can be moved for-
ward (later) or backward (earlier) relative to the pixel data. This register can be used to compensate for possible delay of
pixel data being processed via the Video Processor.
000: Sync moved 4 clocks backward
100: Baseline, sync not moved
001: Sync moved 3 clocks backward
101: Sync moved 1 clock forward
010: Sync moved 2 clocks backward
110: Sync moved 2 clocks forward
011: Sync moved 1 clock backward
111: Sync moved 3 clocks forward
13:10
Reserved.
9
CRT_VSYNC_POL (CRT Vertical Synchronization Polarity). Selects CRT vertical sync polarity.
0: CRT vertical sync is normally low, and is set high during the sync interval.
1: CRT vertical sync is normally high, and is set low during the sync interval.
8
CRT_HSYNC_POL (CRT Horizontal Synchronization Polarity). Selects CRT horizontal sync polarity.
0: CRT horizontal sync is normally low, and is set high during sync interval.
1: CRT horizontal sync is normally high, and is set low during sync interval.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com