Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 343 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 343 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 339Page - National Semiconductor (TI) SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 433 page
background image
Revision 3.0
343
www.national.com
Video Processor Module (Continued)
Offset 20h-23h
Palette (Gamma Correction RAM) Data Register (R/W)
Reset Value: xxxxxxxxh
Provides the video palette data. The data can be read or written to the Gamma Correction RAM (palette) via this register. Prior to
accessing this register, an appropriate address should be loaded to the Palette Address register (F4BAR0+Memory Offset 1Ch[7:0]).
Subsequent accesses to the Palette Data register cause the internal address counter to be incremented for the next cycle.
31:8
PAL_DATA (Palette Data). Contains the read or write data for a Gamma Correction RAM (palette).
Note: When a read or write to the Gamma Correction RAM occurs, the previous output value is held for one additional DOT-
CLK period. This effect should go unnoticed during normal operation.
7:0
Reserved.
Offset 24h-27h
Reserved
Offset 28h-2Bh
Miscellaneous Register (R/W)
Reset Value: 00001400h
Configuration and control register for miscellaneous characteristics of the Video Processor.
31:13
Reserved.
12
PLL2_PWR_EN (PLL2 Power-Down Enable).
0: Power-down.
1: Normal.
11
A_PWR_DN (Analog Power-Down). Enables power-down of the PLL2 and the bandgap circuit that generates VREF.
0: Normal.
1: Power-down.
Note:
If A_PWR_DN is set to 1 without also setting DAC_PWR_DN (bit 10) to 1, an unexpected increase in power con-
sumption may result.
10
DAC_PWR_DN (DAC Power-Down). Powers down the internal CRT DAC.
0: Normal.
1: Power-down.
9:1
Reserved.
0
GAMMA_EN (Gamma Correction RAM Enable). Allows video or graphics (selected by F0BAR0+Memory Offset 04h[21])
to go to the Gamma Correction RAM.
0: Enable.
1: Disable.
Offset 2Ch-2Fh
PLL2 Clock Select Register (R/W)
Reset Value: 00000000h
Determines the characteristics of the integrated PLL2.
31:23
Reserved. Must be set to 0.
22:21
CLK_DIV_SEL (Clock Divider Select).
00: No division
01: Divide by 2
10: Divide by 4
11: Divide by 8
Divides the clock generated by the PLL2, using the programmed m (bits [14:8]) and n (bits [3:0]) values.
20
SEL_REG_CAL. Selects specific or previously-calculated values.
0: Values previously calculated from the CLK_SEL bits (bits [19:16]).
1: Values according to the m (bits [14:8]), n (bits [3:0]), and CLK_DIV_SEL (bits [22:21]) fields.
19:16
CLK_SEL (Clock Select). Selects frequency (in MHz) of the display clock.
0000: 25.175
0100: 50
1000: 65
1100: 108
0001: 31.5
0101: 49.5
1001: 75
1101: 135
0010: 36
0110: 56.25
1010: 78.5
1110: 27
0011: 40
0111: 44.9
1011: 94.5
1111: 24.923052
15
LFTC (Loop Filter Time Constant). This bit should be set when m (bits [14:8]) value is higher than 30.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com