Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 341 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 341 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 337Page - National Semiconductor (TI) SC2200 Datasheet HTML 338Page - National Semiconductor (TI) SC2200 Datasheet HTML 339Page - National Semiconductor (TI) SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 433 page
background image
Revision 3.0
341
www.national.com
Video Processor Module (Continued)
7
FP_DATA_EN (Flat Panel Output Enable). Controls the data, data-enable, clock and sync output signals.
0: Flat panel data outputs are forced to zero depending on the value of bit 3 (DAC_BL_EN). Bit 6 (FP_PWR_EN) is
ignored.
1: Flat panel outputs are forced to zero until power-up, and later, data outputs are subject to the value of bit 3
(DAC_BL_EN).
6
FP_PWR_EN (Flat Panel Power Enable). Changing this bit initiates a flat panel power-up or power-down.
0-to-1: Power-up flat panel.
1-to-0: Power-down flat panel.
5:4
Reserved.
3
DAC_BL_EN (DAC Blank Enable). Controls blanking of the CRT DACs.
0: DACs are constantly blanked.
1: DACs are blanked normally (i.e., during horizontal and vertical blank).
2
VSYNC_EN (Vertical Sync Enable). Enables/disables display vertical sync (used for VESA DPMS support).
0: Disable.
1: Enable.
1
HSYNC_EN (Horizontal Sync Enable). Enables/disables display horizontal sync (used for VESA DPMS support).
0: Disable.
1: Enable.
0
CRT_EN (CRT Enable). Enables the CRT control logic. This bit is also used to reset the CRT control logic.
0: Reset CRT control logic.
1: Enable CRT control logic.
Offset 08h-0Bh
Video X Position Register (R/W)
Reset Value: 00000000h
Provides the window X position. This register is programmed relative to CRT horizontal sync input (not physical screen position).
Note:
H_TOTAL and H_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8330h[26:19] and 8338h[10:3], respectively). The value of (H_TOTAL – H_SYNC_END) is some-
times referred to as “horizontal back porch”. For more information, see the
GX1 Processor Series Datasheet.
31:28
Reserved.
27:16
VID_X_END (Video X End Position). Represents the horizontal end position of the video window (not inclusive). This value
is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 13.
15:12
Reserved.
11:0
VID_X_START (Video X Start Position). Represents the horizontal start position of the video window. This value is calcu-
lated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 14.
Offset 0Ch-0Fh
Video Y Position Register (R/W)
Reset Value: 00000000h
Provides the window Y position. This register is programmed relative to CRT vertical sync input (not physical screen position).
Note:
V_TOTAL and V_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8340h[26:16] and 8348h[26:16], respectively). The value of (V_TOTAL – V_SYNC_END) is some-
times referred to as “vertical back porch”. For more information, see the
GX1 Processor Series Datasheet.
31:27
Reserved.
26:16
VID_Y_END (Video Y End Position). Represents the vertical end position of the video window (not inclusive). This value is
calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 2.
15:11
Reserved
10:0
VID_Y_START (Video Y Start Position). Represents the vertical start position of the video window. This value is calculated
according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com