Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 344 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 344 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) SC2200 Datasheet HTML 348Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 433 page
background image
www.national.com
344
Revision 3.0
Video Processor Module (Continued)
14:8
m(Defines m PLL2 Value). Relevant when SEL_REG_CAL (bit 20) = 1. The following formula is used for calculating the
frequency using m and n values:
Fvco
= OSCCLK * Km/Kn
Km
= m + 1
Kn
=n +1
OSCCLK = 27 MHz
7:4
Reserved
3:0
n (Defines n PLL2 Value). Relevant when SEL_REG_CAL (bit 20) = 1. The following formula is used for calculating the fre-
quency using m and n values:
Fvco
= OSCCLK * Km/Kn
Km
= m + 1
Kn
=n +1
OSCCL
= 27 MHz
Offset 30h-33h
Reserved
Reset Value: 00000000h
Offset 34h-37h
Reserved
Reset Value: 00000000h
Offset 38h-3Bh
Reserved
Reset Value: 00000000h
Offset 3Ch-3Fh
Video Downscaler Control Register (R/W)
Reset Value: 00000000h
Controls the characteristics of the integrated video downscaler.
31:7
Reserved
6
DTS (Downscale Type Select).
0: Type A (Downscale formula is 1/m+1, m pixels are dropped, 1 pixel is kept).
1: Type B (Downscale formula is m/m+1, m pixels are kept, 1 pixel is dropped).
5
Reserved
4:1
DFS (Downscale Factor Select). Determines the downscale factor to be programmed into these bits, where m is used to
derive the desired downscale factor depending on bit 6 (DTS).
0
DCF (Downscaler and Filtering). Enables/disables downscaler and filtering logic.
0: Disable.
1: Enable.
Note:
No downscaling support for RGB 5:6:5 and YUV 4:2:0 video formats.
Offset 40h-43h
Video Downscaler Coefficient Register (R/W)
Reset Value: 00000000h
Indicates filter coefficients. The filters can be programmed independently to increase video quality when the downscaler is implemented.
Valid values for each filter coefficient are 0-15. The sum of coefficients must be 16. FLT_CO_4 is used with the earliest pixels and
FLT_CO_1 is used with the latest. Only luminance values of pixels are filtered.
31:28
Reserved
27:24
FLT_CO_4 (Filter Coefficient 4). For the tap-4 filter.
23:20
Reserved
19:16
FLT_CO_3 (Filter Coefficient 3). For the tap-3 filter.
15:12
Reserved
11:8
FLT_CO_2 (Filter Coefficient 2). For the tap-2 filter.
7:4
Reserved
3:0
FLT_CO_1 (Filter Coefficient 1). For the tap-1 filter.
Offset 44h-47h
CRC Signature Register (R/W)
Reset Value: xxxxx100h
Signature values stored in this register can be read by the host. This register is used for test purposes.
31:8
SIG_VALUE (Signature Value). (Read Only) A 24-bit signature value is stored in this bit field and can be read at any time.
The signature is produced from the RGB data output of the mixer. This bit field is used for test purpose only.
See SIGN_EN (bit 0) description for more information.
7:3
Reserved
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com