Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 346 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 346 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) SC2200 Datasheet HTML 348Page - National Semiconductor (TI) SC2200 Datasheet HTML 349Page - National Semiconductor (TI) SC2200 Datasheet HTML 350Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 433 page
background image
www.national.com
346
Revision 3.0
Video Processor Module (Continued)
12
VID_LIN_INV (Video Line Invert). When this bit is set, it allows the video window to be positioned at odd offsets with
respect to the first line. The values below are recommended if VID_Y_START (F4BAR0+Memory Offset 0Ch[10:0]) is an
odd (set to 1) or even (set to 0) number of lines from the start of the active display.
0: Even.
1: Odd.
11
Reserved: Set to 0.
10
CSC_FOR_VIDEO (Color Space Converter for Video). Determines whether or not the video stream from the video mod-
ule is passed through the CSC.
0: Disable. The video stream is sent "as is" to the video Mixer/Blender.
1: Enable. The video stream is passed through the CSC (for YUV to RGB conversion).
Note:
Mixing and blending configurations are created using bits [13, 11:9] of this register. See Table 6-1 "Valid Mix-
ing/Blending Configurations" on page 327.
9
VIDEO_BLEND_MODE (Video Blending Mode). Allows selection of the type of video (i.e., interlaced or progressive) used
for blending.
0: Progressive video used for blending.
1: Interlaced video used for blending.
Note:
Mixing and blending configurations are created using bits [13, 11:9] of this register. See Table 6-1 "Valid Mix-
ing/Blending Configurations" on page 327.
8
GFX_INS_VIDEO (Graphics Inside Video). This bit works in conjunction with bit COLOR_CHROMA_SEL (F4BAR0+Mem-
ory Offset 4Ch[20]). COLOR_CHROMA_SEL selects whether the graphics is used for color keying or the video data stream
is used for chroma keying. If COLOR_CHROMA_SEL = 0, graphics data is compared to the color key. If
COLOR_CHROMA_SEL = 1, video data is compared to the chroma key.
0: Outside the alpha windows, graphics or video is displayed depending on the result of the color key comparison.
1: Outside the alpha windows, only video is displayed (if COLOR_CHROMA_SEL = 0) or only graphics is displayed (if
COLOR_CHROMA_SEL = 1) color key comparison is not performed outside the alpha windows.
7
VID_WIN_PUSH_EN (Video Window Push Enable). Video window repositioning at an offset of 1 line below the pro-
grammed value. Facilitates line rate matching in both fields.
0: Disable. (Default)
1: Enable.
6
TOP_LINE_IN_ODD (Top Line in Odd Field). Allows selection of what field the top line is in.
0: Top lineisinevenfield. (Default)
1: Top line is in odd field.
5
Reserved.
4
INSERT_EN (Insert Enable). When this bit is set, the odd frame is shifted with respect to the even frame.
0: No shifting occurs.
1: The odd frame is shifted according to the offset specified in bits [2:0].
3
Reserved.
2:0
OFFSET (Vertical Scaler Offset). For an interlaced video stream, program a value of 100 (i.e., shift one line).
Offset 50h-53h
Cursor Color Key Register (R/W)
Reset Value: 00000000h
31:29
Reserved.
28:24
COLOR_REG_OFFSET (Cursor Color Register Offset). This field indicates a bit in the incoming graphics stream. It is
used to indicate which of the two possible cursor color registers should be used for color key matches for the bits in the
graphics stream.
23:0
CUR_COLOR_KEY (Cursor Color Key). Specifies the 24-bit RGB value of the cursor color key. The incoming graphics
stream is compared with this value. If a match is detected, the pixel is replaced by a 24-bit value from one of the Cursor
Color registers.
Offset 54h-57h
Cursor Color Mask Register (R/W)
Reset Value: 00000000h
31:24
Reserved
23:0
CUR_COLOR_MASK (Cursor Color Mask). This mask is a 24-bit value. Zeroes in the mask cause the corresponding bits
in the incoming graphics stream to be ignored.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com