Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 350 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 350 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) SC2200 Datasheet HTML 348Page - National Semiconductor (TI) SC2200 Datasheet HTML 349Page - National Semiconductor (TI) SC2200 Datasheet HTML 350Page - National Semiconductor (TI) SC2200 Datasheet HTML 351Page - National Semiconductor (TI) SC2200 Datasheet HTML 352Page - National Semiconductor (TI) SC2200 Datasheet HTML 353Page - National Semiconductor (TI) SC2200 Datasheet HTML 354Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 433 page
background image
www.national.com
350
Revision 3.0
Video Processor Module (Continued)
Offset 8Ch-8Fh
Alpha Window 3 Control Register (R/W)
Reset Value: 00000000h
31:18
Reserved
17
LOAD_ALPHA (Load Alpha Value). (Write Only) When set to 1, this bit causes the Video Processor to load the alpha
value (in bits [7:0], ALPHA3_VAL) at the start of the next frame.
16
ALPHA3_WIN_EN (Alpha Window 3 Enable). Enable bit for Alpha Window 3.
0: Disable Alpha Window 3.
1: Enable Alpha Window 3.
Valid only if video window is enabled (F4BAR0+Memory Offset 00h[0] = 1)
15:8
ALPHA3_INCR (Alpha Window 3 Increment). Specifies the alpha value increment/decrement. This is a signed 8-bit value
that is added to the alpha value for each frame. The MSB (bit 15) indicates the sign (i.e., increment or decrement). When
this value reaches either the maximum or the minimum alpha value (255 or 0) it keeps that value (i.e., it is not incre-
mented/decremented) until it is reloaded via bit 17 (LOAD_ALPHA).
7:0
ALPHA3_VAL (Alpha Window 3 Value). Specifies the alpha value to be used for this window.
Offset 90h-93h
Video Request Register (R/W)
Reset Value: 001B0017h
31:28
Reserved. Set to 0.
27:16
VIDEO_X_REQ (Video Horizontal Request). Determines the horizontal (pixel) location at which to start requesting video
data out of the video FIFO. This value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 2.
15:11
Reserved
10:0
VIDEO_Y_REQ (Video Vertical Request). Determines the line number at which to start requesting video data out of the
video FIFO. This value is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 94h-97h
Alpha Watch Register (RO)
Reset Value: 00000000h
Alpha values may be automatically incremented/decremented for successive frames. This register can be used to read the alpha values
that are being used in the current frame.
31:24
Reserved.
23:16
ALPHA3_VAL (Value for Alpha Window 3).
15:8
ALPHA2_VAL (Value for Alpha Window 2).
7:0
ALPHA1_VAL (Value for Alpha Window 1).
Offset 98h-3FFh
Reserved
Offset 400h-403h
Video Processor Display Mode Register (R/W)
Reset Value: 00000000h
Selects various Video Processor modes.
31
Video FIFO Underflow (Empty).
0: No underflow has occurred.
1: Underflow has occurred.
Write 1 to reset this bit.
30
Video FIFO OverFlow (Full).
0: No overflow has occurred.
1: Overflow has occurred.
Write 1 to reset this bit.
29
Reserved. Write as read.
28
Reserved. Write as read.
27:4
Reserved. Set to 0.
3
Reserved. Write as read.
2
Note:
Reserved. Write as read.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com