Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 349 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 349 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) SC2200 Datasheet HTML 348Page - National Semiconductor (TI) SC2200 Datasheet HTML 349Page - National Semiconductor (TI) SC2200 Datasheet HTML 350Page - National Semiconductor (TI) SC2200 Datasheet HTML 351Page - National Semiconductor (TI) SC2200 Datasheet HTML 352Page - National Semiconductor (TI) SC2200 Datasheet HTML 353Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 433 page
background image
Revision 3.0
349
www.national.com
Video Processor Module (Continued)
Offset 7Ch-7Fh
Alpha Window 2 Control Register (R/W)
Reset Value: 00000000h
31:18
Reserved
17
LOAD_ALPHA (Load Alpha Value). (Write Only) When set to 1, this bit causes the Video Processor to load the alpha
value (in bits [7:0], ALPHA2_VAL) at the start of the next frame.
16
ALPHA2_WIN_EN (Alpha Window 2 Enable). Enable bit for Alpha Window 2.
0: Disable Alpha Window 2.
1: Enable Alpha Window 2.
Note:
Valid only if video window is enabled (F4BAR0+Memory Offset 00h[0] = 1).
15:8
ALPHA2_INCR (Alpha Window 2 Increment). Specifies the alpha value increment/decrement.
This is a signed 8-bit value that is added to the alpha value for each frame. The MSB (bit 15) indicates the sign (i.e., incre-
ment or decrement). When this value reaches either the maximum or the minimum alpha value (255 or 0) it keeps that value
(i.e., it is not incremented/decremented) until it is reloaded via bit 17 (LOAD_ALPHA).
7:0
ALPHA2_VAL (Alpha Window 1 Value). Specifies the alpha value to be used for this window.
Offset 80h-83h
Alpha Window 3 X Position Register (R/W)
Reset Value: 00000000h
Note:
H_TOTAL and H_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8330h[26:19] and 8338h[10:3], respectively). The value of (H_TOTAL – H_SYNC_END) is some-
times referred to as “horizontal back porch”. For more information, see the
GX1 Processor Series Datasheet.
Note:
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved.
26:16
ALPHA3_X_END (Alpha Window 3 Horizontal End). Determines the horizontal end position of Alpha Window 3 (not inclu-
sive). This value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 1.
15:11
Reserved.
10:0
ALPHA3_X_START (Alpha Window 3 Horizontal Start). Determines the horizontal start position of Alpha Window 3. This
value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 2.
Offset 84h-87h
Alpha Window 3 Y Position Register (R/W)
Reset Value: 00000000h
Note:
V_TOTAL and V_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8340h[26:16] and 8348h[26:16], respectively). The value of (V_TOTAL – V_SYNC_END) is some-
times referred to as “vertical back porch”. For more information, see the
GX1 Processor Series Datasheet.
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved
26:16
ALPHA3_Y_END (Alpha Window 3 Vertical End). Determines the vertical end position of Alpha Window 3 (not inclusive).
This value is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 2.
15:11
Reserved
10:0
ALPHA3_Y_START (Alpha Window 3 Vertical End). Determines the vertical start position of Alpha Window 3. This value
is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 88h-8Bh
Alpha Window 3 Color Register (R/W)
Reset Value: 00000000h
31:25
Reserved.
24
ALPHA3_COLOR_REG_EN (Alpha Window 3 Color Register Enable). Enable bit for the color key matching in Alpha
Window 3.
0: Disable. Where there is a color key match, graphics and video are alpha-blended.
1: Enable. If this bit is enabled and the alpha window is enabled, then where there is a color key match, the color value (in
bits [23:0], ALPHA3_COLOR_REG) is displayed.
23:0
ALPHA3_COLOR_REG (Alpha Window 3 Color Register). Specifies the color to be displayed inside Alpha Window 3
when there is a color key match in the alpha window. This is an RGB value (for RGB blending) or a YUV value (for YUV
blending). In Interlaced YUV blending mode, Y/2 value should be used.
This color is only displayed if the alpha window is enabled and the bit 24 (ALPHA3_COLOR_REG_EN) is enabled.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com