Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 353 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 353 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 349Page - National Semiconductor (TI) SC2200 Datasheet HTML 350Page - National Semiconductor (TI) SC2200 Datasheet HTML 351Page - National Semiconductor (TI) SC2200 Datasheet HTML 352Page - National Semiconductor (TI) SC2200 Datasheet HTML 353Page - National Semiconductor (TI) SC2200 Datasheet HTML 354Page - National Semiconductor (TI) SC2200 Datasheet HTML 355Page - National Semiconductor (TI) SC2200 Datasheet HTML 356Page - National Semiconductor (TI) SC2200 Datasheet HTML 357Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 433 page
background image
Revision 3.0
353
www.national.com
Video Processor Module (Continued)
10
Auto-Flip. Video port operation mode.
0: The video port automatically detects the even and odd fields based on the VP_HREF and VP_VSYNC_IN signals or the
CCIR656 control codes.
1: The even/odd field detect logic is disabled and the video port automatically toggles between the even and odd buffers
during capture. The odd buffer is the first to be filled in this mode.
This bit must be programmed to 0 when Direct Video mode is used. Direct Video mode is used when VID_SEL = 10
(F4BAR0+Memory Offset 400h[1:0]). Otherwise the video select from the GX1 module. VID_SEL indicates the source of the
video data.)
9
Capture (Store to Memory) VBI Data.
0: Disable.
1: Enable.
8
Capture (Store to Memory) Video Data.
0: Disable.
1: Enable.
7:2
Reserved. Must be set to 0.
1:0
Run Mode Capture. Selects capture run mode.
00: Stop capture at end of current line.
01: Stop capture at end of current field.
10
Reserved.
11: Start capture at beginning of next field.
Offset 08h-0Bh
Video Interface Status Register (R/W)
Reset Value: xxxxxxxxh
31:25
Reserved.(Read Only)
24
Current Field. (Read Only)
0: Even field is being processed.
1: Odd field is being processed.
23:22
Reserved. (Read Only)
21
Base Register Not Updated. (Read Only) When set to 1, this bit indicates that one of the base registers (at
F4BAR2+Memory Offset 20h, 24h, 40h, and 44h) has been written but has not yet been updated.
0: All base registers are updated.
1: One or more of the base registers has not been updated.
20
FIFO Overflow Status Indication.
0: No overflow occurred.
1: An overflow occurred for the FIFO between the VIP and the Fast X-Bus.
Writing a 1 to this bit clears the status.
19:18
Reserved. (Read Only)
17
Line Interrupt (INTC#) Pending Status.
0: Interrupt not pending.
1: Interrupt pending.
Writing a 1 to this bit clears the status.
16
Field Interrupt (INTC) Pending Status.
0: Interrupt not pending.
1: Interrupt pending.
Writing a 1 to this bit clears the status.
15:10
Reserved. (Read Only)
9
VBI Data Capture Active. (Read Only)
0: VBI data is not being stored to memory.
1: VBI data is now being stored to memory.
8
Video Data Capture Active. (Read Only)
0: Video data is not being stored to memory.
1: Video data is now being stored to memory.
Table 6-8. F4BAR2+Memory Offset: VIP Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com