Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 356 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 356 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 352Page - National Semiconductor (TI) SC2200 Datasheet HTML 353Page - National Semiconductor (TI) SC2200 Datasheet HTML 354Page - National Semiconductor (TI) SC2200 Datasheet HTML 355Page - National Semiconductor (TI) SC2200 Datasheet HTML 356Page - National Semiconductor (TI) SC2200 Datasheet HTML 357Page - National Semiconductor (TI) SC2200 Datasheet HTML 358Page - National Semiconductor (TI) SC2200 Datasheet HTML 359Page - National Semiconductor (TI) SC2200 Datasheet HTML 360Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 433 page
background image
www.national.com
356
Revision 3.0
7.0
Debugging and Monitoring
7.1
TESTABILITY (JTAG)
The Test Access Port (TAP) allows board level interconnec-
tion verification and chip production tests. An IEEE-
1149.1a compliant test interface, TAP supports all IEEE
mandatory instructions as well as several optional instruc-
tions for added functionality. See Table 7-1 for a summary
of all instructions support. For further information on JTAG,
refer to IEEE Standard 1149.1a-1993 Test Access Port and
Boundary-Scan Architecture.
7.1.1
Mandatory Instruction Support
The TAP supports all IEEE mandatory instructions, includ-
ing:
• BYPASS
Presents the shortest path through a given chip (a 1-bit
shift register).
• EXTEST
Drives data loaded into the JTAG path (possibly with a
SAMPLE/PRELOAD instruction) to output pins.
• SAMPLE/PRELOAD
Captures chip inputs and outputs.
7.1.2
Optional Instruction Support
The TAP supports the following IEEE optional instructions:
• IDCODE
Presents the contents of the Device Identification
register in serial format.
• CLAMP
Ensures that the Bypass register is connected between
TDI and TDO, and then drives data that was loaded into
the Boundary Scan register (e.g., via SAMPLE-
PRELOAD instruction) to output signals. These signals
do not change while the CLAMP instruction is selected.
• HIZ
Puts all chip outputs in inactive (floating) state
(including all pins that do not require a TRI-STATE
output for normal functionality). Note that not all pull-up
resistors are disabled in this state.
7.1.3
JTAG Chain
Balls that are not part of the JTAG chain:
• CRT DACs
• USB I/Os
Table 7-1. JTAG Mode Instruction Support
Code
Instruction
Activity
000
EXTEST
Drives shifted data to output pins.
001
SAMPLE/PRELOAD
Captures inputs and system outputs.
010
IDCODE
Scans out device identifier.
011
HIZ
Puts all output and bidirectional pins in TRI-STATE mode.
100
CLAMP
Drives fixed data from Boundary Scan register.
101
Reserved
110
Reserved
111
BYPASS
Presents shortest external path through device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com