Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 358 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 358 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 354Page - National Semiconductor (TI) SC2200 Datasheet HTML 355Page - National Semiconductor (TI) SC2200 Datasheet HTML 356Page - National Semiconductor (TI) SC2200 Datasheet HTML 357Page - National Semiconductor (TI) SC2200 Datasheet HTML 358Page - National Semiconductor (TI) SC2200 Datasheet HTML 359Page - National Semiconductor (TI) SC2200 Datasheet HTML 360Page - National Semiconductor (TI) SC2200 Datasheet HTML 361Page - National Semiconductor (TI) SC2200 Datasheet HTML 362Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 433 page
background image
www.national.com
358
Revision 3.0
Electrical Specifications (Continued)
Notes:
1)
All power sources must be connected to the SC2200,
even if the function is not used
2)
VSB,VSBL and VBAT must be on if any other voltage is
applied. VSB and VBAT voltages can be applied sepa-
rately. See Section 8.3.15 "Power-Up Sequencing" on
page 424.
3)
The power planes of the SC2200 can be turned on or
off. For more information, see Section 5.2.9 "Power
Management Logic" on page 167.
4)
It is recommended that the voltage difference between
VCCCRT,VCORE and VSBL be less than 0.25V, in order
to reduce leakage current. If the voltage difference
exceeds 0.25V, excessive leakage current is used in
gates that are connected on the boundary between
voltage domains.
5)
It is recommended that the voltage difference between
VIO and VSB be less than 0.25V, in order to reduce
leakage current. If the voltage difference exceeds
0.25V, excessive leakage current is used in gates that
are connected on the boundary between voltage
domains.
Table 8-2. Operating Conditions
Symbol1
Parameter
Min
Typ
Max
Unit
Comments
TC
Operating case temperature
0
-
85
oC
AVCCUSB
AVCCCRT
Analog power supply. Powers internal ana-
log circuits and some external signals (see
Table 8-3).
3.14
3.3
3.46
V
VBAT
Battery supply voltage. Powers RTC and
ACPI when VBAT is greater than VSB (by at
least 0.5V), and some external signals (see
Table 8-3).
2.4
3.0
3.46
V
VIO
I/O buffer power supply. Powers most of the
external signals (see Table 8-3); certain
signals within this power plane are 5V
tolerant.
3.14
3.3
3.46
V
VCORE
Core processor and internal digital power supply. Powers internal digital logic, including internal frequency
multipliers.
233 or 266 MHz
1.71
1.8
1.89
V
300 MHz
1.9
2.0
2.1
VPLL2
VPLL3
PLL. Internal Phase Locked Loops (PLLs)
power supply.
3.14
3.3
3.46
V
VSB
Standby power supply. Powers RTC and
ACPI when VSB is greater than VBAT-0.5V,
and some external signals (see Table 8-3).
3.14
3.3
3.46
V
VSBL
Standby logic. Powers internal logic needed to support Standby VSB.
VSBL requires a 0.1 µF bypass capacitor to VSS.
233 or 266 MHz
1.71
1.8
1.89
V
300 MHz
1.9
2.0
2.1
VCCCRT
CRT DAC. Powers CRT DAC digital circuits.
233 or 266 MHz
1.71
1.8
1.89
V
300 MHz
1.9
2.0
2.1
1.
For VIH (Input High Voltage), VIL (Input Low Voltage), IOH (Output High Current), and IOL (Output Low Current) operating
conditions refer to Section 8.2 "DC Characteristics" on page 364.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com