Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 362 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 362 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 358Page - National Semiconductor (TI) SC2200 Datasheet HTML 359Page - National Semiconductor (TI) SC2200 Datasheet HTML 360Page - National Semiconductor (TI) SC2200 Datasheet HTML 361Page - National Semiconductor (TI) SC2200 Datasheet HTML 362Page - National Semiconductor (TI) SC2200 Datasheet HTML 363Page - National Semiconductor (TI) SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 433 page
background image
www.national.com
362
Revision 3.0
Electrical Specifications (Continued)
8.1.5
Ball Capacitance and Inductance
Table 8-7 gives ball capacitance and inductance values.
Table 8-7. Ball Capacitance and Inductance
Symbol
Parameter
Min
Typ
Max
Unit
CIN
1
1.
TA =25°C, f = 1 MHz. All capacitances are not 100% tested.
Input Pin Capacitance
4
7
pF
CIN
1
Clock Input Capacitance
5
8
12
pF
CIO
1
I/O Pin Capacitance
10
12
pF
CO
1
Output Pin Capacitance
6
8
pF
LPIN
2
2.
Not 100% tested.
Pin Inductance
20
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com