Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 363 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 363 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 359Page - National Semiconductor (TI) SC2200 Datasheet HTML 360Page - National Semiconductor (TI) SC2200 Datasheet HTML 361Page - National Semiconductor (TI) SC2200 Datasheet HTML 362Page - National Semiconductor (TI) SC2200 Datasheet HTML 363Page - National Semiconductor (TI) SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) SC2200 Datasheet HTML 367Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 433 page
background image
Revision 3.0
363
www.national.com
Electrical Specifications (Continued)
8.1.6
Pull-Up and Pull-Down Resistors
The following table lists input balls that are internally con-
nected to a pull-up (PU) or pull-down (PD) resistor. If these
balls are not used, they do not require connection to an
external PU or PD resistor.
Note:
The resistors described in this table are imple-
mented as transistors. The resistance for PUs
assumes VIN =VSS and for PDs assumes VIN =
VIO.
Table 8-8. Balls with PU/PD Resistors
Signal Name
Ball No.
PU/
PD
Typ1
Value [
Ω]
EBGA
TEPBGA
PCI
FRAME#
E1
D8
PU
22.5K
C/BE[3:0]#
A8, D8,
A10, A13
H4, F3, J2,
L1
PU
22.5K
PAR
C10
J4
PU
22.5K
IRDY#
C8
F2
PU
22.5K
TRDY#
B8
F1
PU
22.5K
STOP#
D9
G1
PU
22.5K
LOCK#
C9
H3
PU
22.5K
DEVSEL#
B5
E4
PU
22.5K
PERR#
B9
H2
PU
22.5K
SERR#
A9
H1
PU
22.5K
REQ[1:0]#
E3, C1
A5, B5
PU
22.5K
INTA#
AE3
D26
PU
22.5K
INTB#
AF1
C26
PU
22.5K
INTC#
H4
C9
PU
22.5K
INTD#
B22
AA2
PU
22.5K
Low Pin Count (LPC)
LAD[3:0]
AJ10, AK10,
AL10, AJ11
L29, L30,
L31, M28
PU
22.5K
LDRQ
AL9
L28
PU
22.5K
SERIRQ
AL8
J31
PU
22.5K
System (Straps)
CLKSEL[3:0]
AL13, AK3,
B27, F3
P30, D29,
AF3, B8
PD
100K
BOOT16
G4
C8
PD
100K
TFT_PRSNT
AK13
P29
PD
100K
LPC_ROM
E4
D6
PD
100K
FPCI_MON
D3
A4
PD
100K
DID[1:0]
D2, D4
C6, C5
PD
100K
ACCESS.bus2
AB1C
AJ13
N31
PU
22.5K
AB1D
AL12
N30
PU
22.5K
AB2C
AJ12
N29
PU
22.5K
AB2D
AL11
M29
PU
22.5K
Parallel Port
AFD#/DSTRB#
AB2
D22
PU
22.5K
PE
T3
D17
PU2
22.5K
PD2
22.5K
SLIN#/ASTRB#
W1
B20
PU
22.5K
STB#/WRITE#
AB1
A22
PU
22.5K
INIT#
Y3
B21
PU
22.5K
JTAG
TCK
AL4
E31
PU
22.5K
TMS
AJ5
F28
PU
22.5K
TDI
AK5
F29
PU
22.5K
TRST#
AK4
E29
PU
22.5K
GPIO2
GPIO1
H2, AL12
D10, N30
PU
22.5K
GPIO6
AH3
D28
PU
22.5K
GPIO7
AH4
C30
PU
22.5K
GPIO8
AJ2
C31
PU
22.5K
GPIO9
AG4
C28
PU
22.5K
GPIO10
AJ1
B29
PU
22.5K
GPIO11
H30
AJ8
PU
22.5K
GPIO12
AJ12
N29
PU
22.5K
GPIO13
AL11
M29
PU
22.5K
GPIO14
F1
D9
PU
22.5K
GPIO15
G3
A8
PU
22.5K
GPIO16
AL15
V31
PU
22.5K
GPIO17
J4
A10
PU
22.5K
GPIO18
A28
AG1
PU
22.5K
GPIO19
H4
C9
PU
22.5K
GPIO20
H3, AJ13
A9, N31
PU
22.5K
GPIO32
AJ11
M28
PU
22.5K
GPIO33
AL10
L31
PU
22.5K
GPIO34
AK10
L30
PU
22.5K
GPIO35
AJ10
L29
PU
22.5K
GPIO36
AL9
L28
PU
22.5K
GPIO37
AK9
K31
PU
22.5K
GPIO38
AJ9
K28
PU
22.5K
GPIO39
AL8
J31
PU
22.5K
Power Management
PWRBTN#
E29
AH5
PU
100K
GPWIO[2:0]
G29, G28,
E31
AJ6, AK5,
AH6
PU
100K
Test and Measurement
GTEST
AL5
F30
PD
22.5K
1.
Accuracy is: 22.5 K
Ω resistors are within a range of 20 KΩ to
50 K
Ω. 100 KΩ resistors are within a range of 90 KΩ to 250
K
Ω.
2.
Controlled by software.
Signal Name
Ball No.
PU/
PD
Typ1
Value [
Ω]
EBGA
TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com