Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 366 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 366 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 362Page - National Semiconductor (TI) SC2200 Datasheet HTML 363Page - National Semiconductor (TI) SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) SC2200 Datasheet HTML 367Page - National Semiconductor (TI) SC2200 Datasheet HTML 368Page - National Semiconductor (TI) SC2200 Datasheet HTML 369Page - National Semiconductor (TI) SC2200 Datasheet HTML 370Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 433 page
background image
www.national.com
366
Revision 3.0
Electrical Specifications (Continued)
8.2.5
INT DC Characteristics
8.2.6
INTS DC Characteristics
8.2.7
INTS1 DC Characteristics
8.2.8
INUSB DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
10
µA
VIN =VIO
−10
µA
VIN =VSS
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
10
µA
VIN =VIO
-10
µA
VIN =VSS
VH
Input Hysteresis
200
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.5VIO
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.3VIO
V
IIL
Input Leakage Current
10
µA
VIN =VIO
-10
µA
VIN =VSS
VHIS
Input Hysteresis1
200
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
10
µA
VIN =VIO
-10
µA
VIN =VSS
VDI
Differential Input Sensitivity
0.2
V
|(D+)-(D-)| and Figure 8-1
VCM
Differential Common Mode Range
0.8
2.5
V
Includes VDI Range
VSE
Single Ended Receiver Threshold
0.8
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com