Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 365 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 365 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 361Page - National Semiconductor (TI) SC2200 Datasheet HTML 362Page - National Semiconductor (TI) SC2200 Datasheet HTML 363Page - National Semiconductor (TI) SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) SC2200 Datasheet HTML 367Page - National Semiconductor (TI) SC2200 Datasheet HTML 368Page - National Semiconductor (TI) SC2200 Datasheet HTML 369Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 433 page
background image
Revision 3.0
365
www.national.com
Electrical Specifications (Continued)
8.2.1
INAB DC Characteristics
8.2.2
INBTN DC Characteristics
8.2.3
INPCI DC Characteristics
Note that the buffer type for PCICLK (EBGA ball E2 / TEPBGA ball A7) is INT - not INPCI.
8.2.4
INSTRP DC Characteristics
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
1.4
V
VIL
Input Low Voltage
-0.51
1.
Not 100% tested.
0.8
V
IIL
Input Leakage Current
10
µA
VIN =VIO
-10
µA
VIN =VSS
VHIS
Input hysteresis
150
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
2.0
VSB+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.8
V
IIL
Input Leakage Current
5
µA
VIN =VSB
-36
µA
VIN =VSS
VHIS
Input Hysteresis1
250
mV
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.5VIO
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
-0.51
0.3VIO
V
VIPU
Input Pull-up Voltage2
2.
Not 100% tested. This parameter indicates the minimum voltage to which pull-up resistors are calculated in order to pull
a floated network.
0.7VIO
V
lIL
Input Leakage Current3,4
3.
Input leakage currents include HiZ output leakage for all bidirectional buffers with TRI-STATE outputs.
4.
See Exceptions 2 and 3 in Section 8.2.15.1 on page 368.
+/-10
µA
0 < VIN <VIO
Symbol
Parameter
Min
Max
Unit
Comments
VIH
Input High Voltage
0.6VIO
VIO+0.5
1
1.
Not 100% tested.
V
VIL
Input Low Voltage
0.3VIO
V
IIL
Input Leakage Current
36
µA
During Reset: VIN =VIO
−10
µA
VIN =VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com