Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 368 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 368 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) SC2200 Datasheet HTML 367Page - National Semiconductor (TI) SC2200 Datasheet HTML 368Page - National Semiconductor (TI) SC2200 Datasheet HTML 369Page - National Semiconductor (TI) SC2200 Datasheet HTML 370Page - National Semiconductor (TI) SC2200 Datasheet HTML 371Page - National Semiconductor (TI) SC2200 Datasheet HTML 372Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 433 page
background image
www.national.com
368
Revision 3.0
Electrical Specifications (Continued)
8.2.14 OUSB DC Characteristics
8.2.15 TSp/n DC Characteristics
8.2.15.1 Exceptions
1)
IOH is valid for a GPIO pin only when it is not configured as open-drain.
2)
Signals with internal pull-ups have a maximum input leakage current of:
Where Vpower is VIO,or VSB.
3)
Signals with internal pull-downs have a maximum input leakage current of:
Symbol
Parameter
Min
Max
Unit
Comments
VUSB_OH
High-level Output Voltage
2.8
3.61
1.
Tested by characterization.
VIOH =-0.25 mA
RL =15KΩ to GND
VUSB_OL
Low-level Output Voltage
0.3
V
IOL =2.5 mA
RL =1.5 KΩ to 3.6V
tUSB_CRS
Output Signal Crossover Voltage
1.3
2.0
V
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
2.4
V
IOH =-p mA
VOL
Output Low Voltage
0.4
V
IOL = n mA
V
power
V
IN
–
R pull
u p
–
()
---------------------------------------
èø
æö
–
V
IN
V
SS
–
R pull
down
–
()
------------------------------------------
èø
æö
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com