Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 367 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 367 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 363Page - National Semiconductor (TI) SC2200 Datasheet HTML 364Page - National Semiconductor (TI) SC2200 Datasheet HTML 365Page - National Semiconductor (TI) SC2200 Datasheet HTML 366Page - National Semiconductor (TI) SC2200 Datasheet HTML 367Page - National Semiconductor (TI) SC2200 Datasheet HTML 368Page - National Semiconductor (TI) SC2200 Datasheet HTML 369Page - National Semiconductor (TI) SC2200 Datasheet HTML 370Page - National Semiconductor (TI) SC2200 Datasheet HTML 371Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 433 page
background image
Revision 3.0
367
www.national.com
Electrical Specifications (Continued)
Figure 8-1. Differential Input Sensitivity for Common Mode Range
8.2.9
OAC97 DC Characteristics
8.2.10 ODn DC Characteristics
8.2.11 ODPCI DC Characteristics
8.2.12 Op/n DC Characteristics
8.2.13 OPCI DC Characteristics
1.0
0.8
0.6
0.4
0.2
0.0
0.0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
Common Mode Input Voltage (volts)
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
0.9VIO
VlOH =-5 mA
VOL
Output Low Voltage
0.1VIO
VlOL =5 mA
Symbol
Parameter
Min
Max
Unit
Comments
VOL
Output Low Voltage
0.4
V
IOL = n mA
Symbol
Parameter
Min
Max
Unit
Comments
VOL
Output Low Voltage
0.1VIO
VlOL = 1500 µA
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
2.4
V
lOH = -p mA
VOL
Output Low Voltage
0.4
V
lOL = n mA
Symbol
Parameter
Min
Max
Unit
Comments
VOH
Output High Voltage
0.9VIO
VlOH =-500 µA
VOL
Output Low Voltage
0.1VIO
VlOL =1500 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com