Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 357 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 357 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 353Page - National Semiconductor (TI) SC2200 Datasheet HTML 354Page - National Semiconductor (TI) SC2200 Datasheet HTML 355Page - National Semiconductor (TI) SC2200 Datasheet HTML 356Page - National Semiconductor (TI) SC2200 Datasheet HTML 357Page - National Semiconductor (TI) SC2200 Datasheet HTML 358Page - National Semiconductor (TI) SC2200 Datasheet HTML 359Page - National Semiconductor (TI) SC2200 Datasheet HTML 360Page - National Semiconductor (TI) SC2200 Datasheet HTML 361Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 433 page
background image
Revision 3.0
357
www.national.com
8.0
Electrical Specifications
This chapter provides information about:
• General electrical specifications
• DC characteristics
• AC characteristics
• All voltage values in this chapter are with respect to VSS
unless otherwise noted.
8.1
GENERAL SPECIFICATIONS
8.1.1
Power/Ground Connections and Decoupling
When testing and operating the SC2200, use standard
high frequency techniques to reduce parasitic effects. For
example:
• Filter the DC power leads with low-inductance decou-
pling capacitors.
• Use low-impedance wiring.
• Utilizing the PWR and GND pins.
8.1.2
Absolute Maximum Ratings
Stresses beyond those indicated in the following table may
cause permanent damage to the SC2200, reduce device
reliability and result in premature failure, even when there
is no immediately apparent sign of failure. Prolonged expo-
sure to conditions at or near the absolute maximum ratings
may also result in reduced device life span and reduced
reliability.
Note:
The values in the following table are stress ratings
only. They do not imply that operation under other
conditions is impossible.
8.1.3
Operating Conditions
Table 8-2 lists the various power supplies of the SC2200
and provides the device operating conditions.
Table 8-1. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
TCASE
Operating case temperature1
-45
110
oC
TSTORAGE
Storage temperature2
-45
125
oC
VCC
Supply voltage
See Table
8-2
V
VMAX
Voltage on
5V tolerant balls3
-0.5
6.0
V
Others3,4
-0.5
3.6
V
IIK
Input clamp current1
-0.5
10
mA
IOK
Output clamp current1
25
mA
1.
Power applied - no clocks.
2.
No bias.
3.
Voltage min is -0.8V with a transient voltage of 20 ns or less.
4.
Voltage max is 4.0V with a transient voltage of 20 ns or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com