Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 348 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 348 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) SC2200 Datasheet HTML 347Page - National Semiconductor (TI) SC2200 Datasheet HTML 348Page - National Semiconductor (TI) SC2200 Datasheet HTML 349Page - National Semiconductor (TI) SC2200 Datasheet HTML 350Page - National Semiconductor (TI) SC2200 Datasheet HTML 351Page - National Semiconductor (TI) SC2200 Datasheet HTML 352Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 433 page
background image
www.national.com
348
Revision 3.0
Video Processor Module (Continued)
Offset 6Ch-6Fh
Alpha Window 1 Control Register (R/W)
Reset Value: 00000000h
31:18
Reserved.
17
LOAD_ALPHA (Load Alpha Value). (Write Only) When set to 1, this bit causes the Video Processor to load the alpha
value (in bits [7:0], ALPHA_VAL) at the start of the next frame.
16
ALPHA1_WIN_EN (Alpha Window 1 Enable). Enable bit for Alpha Window 1.
1: Enable Alpha Window 1.
0: Disable Alpha Window 1.
Note:
Valid only if video window is enabled (F4BAR0+Memory Offset 00h[0] = 1).
15:8
ALPHA1_INC (Alpha Window 1 Increment). Specifies the alpha value increment/decrement. This is a signed 8-bit value
that is added to the alpha value for each frame. The MSB (bit 15) indicates the sign (i.e., increment or decrement). When
this value reaches either the maximum or the minimum alpha value (255 or 0) it keeps that value (i.e., it is not incre-
mented/decremented) until it is reloaded via bit 17 (LOAD_ALPHA).
7:0
ALPHA1_VAL (Alpha Window 1 Value). Specifies the alpha value to be used for this window.
Offset 70h-73h
Alpha Window 2 X Position Register (R/W)
Reset Value: 00000000h
Note:
H_TOTAL and H_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8330h[26:19] and 8338h[10:3], respectively). The value of (H_TOTAL – H_SYNC_END) is some-
times referred to as “horizontal back porch”. For more information, see the
GX1 Processor Series Datasheet.
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved.
26:16
ALPHA2_X_END (Alpha Window 2 Horizontal End). Determines the horizontal end position of Alpha Window 2 (not inclu-
sive). This value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 1.
15:11
Reserved
10:0
ALPHA2_X_START (Alpha Window 2 Horizontal Start). Determines the horizontal start position of Alpha Window 2. This
value is calculated according to the following formula:
Value = Desired screen position + (H_TOTAL – H_SYNC_END) – 2.
Offset 74h-77h
Alpha Window 2 Y Position Register (R/W)
Reset Value: 00000000h
Note:
V_TOTAL and V_SYNC_END are values programmed in the GX1 module’s Display Controller Timing registers
(GX_BASE+Memory Offset 8340h[26:16] and 8348h[26:16], respectively). The value of (V_TOTAL – V_SYNC_END) is some-
times referred to as “vertical back porch”. For more information, see the
GX1 Processor Series Datasheet.
Desired screen position should not be outside a video window (F4BAR0+Memory Offset 08h and 0Ch).
31:27
Reserved.
26:16
ALPHA2_Y_END (Alpha Window 2 Vertical End). Determines the vertical end position of Alpha Window 2 (not inclusive).
This value is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 2.
15:11
Reserved.
10:0
ALPHA2_Y_START (Alpha Window 2 Vertical Start). Determines the vertical start position of Alpha Window 2. This value
is calculated according to the following formula:
Value = Desired screen position + (V_TOTAL – V_SYNC_END) + 1.
Offset 78h-7Bh
Alpha Window 2 Color Register (R/W)
Reset Value: 00000000h
31:25
Reserved.
24
ALPHA2_COLOR_REG_EN (Alpha Window 2 Color Register Enable). Enable bit for the color key matching in Alpha
Window 2.
0: Disable. Where there is a color key match, graphics and video are alpha-blended.
1: Enable. If this bit is enabled and the alpha window is enabled, then where there is a color key match, the color value (in
bits [23:0], ALPHA2_COLOR_REG) is displayed.
23:0
ALPHA2_COLOR_REG (Alpha Window 1 Color Register). Specifies the color to be displayed inside Alpha Window 2
when there is a color key match in the alpha window. This is an RGB value (for RGB blending) or a YUV value (for YUV
blending). In Interlaced YUV blending mode, Y/2 value should be used.
This color is only displayed if the alpha window is enabled and bit 24 (ALPHA2_COLOR_REG_EN) is enabled.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com