Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 342 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 342 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 338Page - National Semiconductor (TI) SC2200 Datasheet HTML 339Page - National Semiconductor (TI) SC2200 Datasheet HTML 340Page - National Semiconductor (TI) SC2200 Datasheet HTML 341Page - National Semiconductor (TI) SC2200 Datasheet HTML 342Page - National Semiconductor (TI) SC2200 Datasheet HTML 343Page - National Semiconductor (TI) SC2200 Datasheet HTML 344Page - National Semiconductor (TI) SC2200 Datasheet HTML 345Page - National Semiconductor (TI) SC2200 Datasheet HTML 346Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 433 page
background image
www.national.com
342
Revision 3.0
Video Processor Module (Continued)
Offset 10h-13h
Video Upscale Register (R/W)
Reset Value: 00000000h
Provides horizontal and vertical upscale factors of the window.
31:30
Reserved.
29:16
VID_Y_SCL (Video Y Scale Factor). Represents the vertical upscale factor of the video window according to the following
formula:
VID_Y_SCL = 8192 * (Ys - 1) / (Yd - 1)
where:
Ys = Video source vertical size in pixels
Yd = Video destination vertical size in pixels
Note:
Upscale factor must be used. Yd is equal or bigger than Ys. If no scaling is intended, set to 2000h. The actual
scale factor used is VID_Y_SCL/8192, but the formula above fits a given source number of lines into a destination
window size.
Note:
When progressive mixing/blending is programmed (F4BAR0+Memory Offset 4Ch[9] = 0) and the video data is
interlaced, this register should be programmed to 1000h to double the vertical lines,
15:14
Reserved.
13:0
VID_X_SCL (Video X Scale Factor). Represents horizontal upscale factor of the video window according to the following
formula:
VID_X_SCL = 8192 * (Xs - 1) / (Xd - 1)
where:
Xs = Video source horizontal size in pixels
Xd = Video destination vertical size in pixels
Note:
Upscale factor must be used. Xd is equal or bigger than Xs. If no scaling is intended, set to 2000h. The actual
scale factor used is VID_X_SCL/8192, but the formula above fits a given source number of pixels into a destination
window size.
Offset 14h-17h
Video Color Key Register (R/W)
Reset Value: 00000000h
Provides the video color key. The color key can be used to allow irregular shaped overlays of graphics onto video, or video onto graph-
ics, within a scaled video window.
31:24
Reserved.
23:0
VID_CLR_KEY (Video Color Key). The video color key is a 24-bit RGB or YUV value.
•
If the COLOR_CHROMA_SEL bit (F4BAR0+Memory Offset 04h[20]) = 0:
— The video pixel is selected within the target window if the corresponding graphics pixel matches the color key. The
color key in an RGB value.
•
If the COLOR_CHROMA_SEL bit (F4BAR0+Memory Offset 04h[20]) = 1:
— The video pixel is selected within the target window only if it (the video pixel) does not match the color key. The color
key is usually an RGB value. However, if both the CSC_for VIDEO and GV_SEL bits (F4BAR0+Memory Offset 4Ch
bits 10 and 13, respectively) are programmed to 0, the color key is a YUV value (i.e., video is not converted to RGB).
The graphics or video data being compared can be masked prior to the compare via the Video Color Mask register
(described in F4BAR0+Memory Offset 18h).
Offset 18h-1Bh
Video Color Mask Register (R/W)
Reset Value: 00000000h
Provides the video color mask. This value is used to mask bits of the graphics or video stream being compared to the video color key
(described in F4BAR0+Memory Offset 14h). It can be used to allow a range of values to serve as the color key.
31:24
Reserved.
23:0
VID_CLR_MASK (Video Color Mask). This mask is a 24-bit value. Zeros in the mask cause the corresponding bits in the
graphics or video stream to be ignored.
Offset 1Ch-1Fh
Palette (Gamma Correction RAM) Address Register (R/W)
Reset Value: xxxxxxxxh
31:8
Reserved.
7:0
PAL_ADDR (Palette Address). Specifies the address to be used for the next access to the Palette Data register
(F4BAR0+Memory Offset 20h[31:8]). Each access to the data register automatically increments the Palette Address regis-
ter. If non-sequential access is made to the palette, the address register must be loaded between each non-sequential data
block.
Table 6-7. F4BAR0+Memory Offset: Video Processor Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com