Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 334 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 334 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 330Page - National Semiconductor (TI) SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) SC2200 Datasheet HTML 334Page - National Semiconductor (TI) SC2200 Datasheet HTML 335Page - National Semiconductor (TI) SC2200 Datasheet HTML 336Page - National Semiconductor (TI) SC2200 Datasheet HTML 337Page - National Semiconductor (TI) SC2200 Datasheet HTML 338Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 433 page
background image
www.national.com
334
Revision 3.0
Video Processor Module (Continued)
6.3
REGISTER DESCRIPTIONS
The register space for accessing and configuring the Video
Processor is located in the Core Logic Chipset Register
Space (F0-F5). The Chipset Register Space is accessed
via the PCI interface using the PCI Type One Configuration
Mechanism (see Section 5.3.1 "PCI Configuration Space
and Access Methods" on page 184).
6.3.1
Register Summary
The tables in this subsection summarize the registers of
the Video Processor. Included in the tables are the regis-
ter’s reset values and page references where the bit for-
mats are found.
Table 6-3. F4: PCI Header Registers for Video Processor Support Summary
F4 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 6-6)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 337
02h-03h
16
RO
Device Identification Register
0504h
Page 337
04h-05h
16
R/W
PCI Command Register
0000h
Page 337
06h-07h
16
RO
PCI Status Register
0280h
Page 337
08h
8
RO
Device Revision ID Register
01h
Page 337
09h-0Bh
24
RO
PCI Class Code Register
030000h
Page 337
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 337
0Dh
8
RO
PCI Latency Timer Register
00h
Page 337
0Eh
8
RO
PCI Header Type Register
00h
Page 337
0Fh
8
RO
PCI BIST Register
00h
Page 337
10h-13h
32
R/W
Base Address Register 0 (F4BAR0). Sets the base address for the
memory-mapped Video Configuration Registers within the Video
Processor. Refer to Table 6-7 on page 339 for programming infor-
mation regarding the register offsets accessed through this regis-
ter.
00000000h
Page 337
14h-17h
32
R/W
Base Address Register 1 (F4BAR1). Reserved.
00000000h
Page 337
18h-1Bh
32
R/W
Base Address Register 2 (F4BAR2). Sets the base address for the
memory-mapped VIP (Video Interface Port) Registers (summa-
rized in Table 6-8 on page 352).
00000000h
Page 337
1Ch-2Bh
--
--
Reserved
00h
Page 337
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 337
2Eh-2Fh
16
RO
Subsystem ID
0504h
Page 337
30h-3Bh
--
--
Reserved
00h
Page 337
3Ch
8
R/W
Interrupt Line Register
00h
Page 337
3Dh
8
R/W
Interrupt Pin Register
03h
Page 338
3Eh-FFh
---
---
Reserved
00h
Page 338



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com