Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 331 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 331 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 327Page - National Semiconductor (TI) SC2200 Datasheet HTML 328Page - National Semiconductor (TI) SC2200 Datasheet HTML 329Page - National Semiconductor (TI) SC2200 Datasheet HTML 330Page - National Semiconductor (TI) SC2200 Datasheet HTML 331Page - National Semiconductor (TI) SC2200 Datasheet HTML 332Page - National Semiconductor (TI) SC2200 Datasheet HTML 333Page - National Semiconductor (TI) SC2200 Datasheet HTML 334Page - National Semiconductor (TI) SC2200 Datasheet HTML 335Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 433 page
background image
Revision 3.0
331
www.national.com
Video Processor Module (Continued)
6.2.4
VESA DDSC2B and DPMS Support
The Video Processor supports VESA, DDSC2B, and
DPMS standards for enhanced monitor communications
and power management support. This support is provided
via signals DDC_SCL (muxed with IDE_DATA10) and
DDC_SDA (muxed with IDE_DATA9). F4BAR0+Memory
Offset 04h[24, 23, 22] controls the interface.
6.2.5
Integrated DACs
The Video Processor uses a Digital to Analog Converter
(DAC) for CRT display.
To interface directly with the CRT display, the Video Pro-
cessor incorporates triple 8-bit video DACs. The integrated
DACs drive the RED, GREEN and BLUE inputs of the CRT.
Each integrated DAC is an 8-bit current output type which
can run at a clock rate of up to 135 MHz. The integrated
DAC can generate voltage levels from 0 to 1.0V, when driv-
ing 75
Ω double-terminated loads.
Differential and integral linearity errors, over full tempera-
ture and voltage ranges, are less than one LSB.
The peak white voltage (VFR - full range output voltage),
generated at the DAC, is defined according to the following
formula:
VFR =3.35(VREF /RSET)*75
where:
VREF is the voltage at VREF (either internal bandgap refer-
ence, or externally connected voltage reference).
RSET is the value of resistance between SETRES and
AVSS (typically 470 Ω).
Figure 6-13. DAC Voltage Levels
DAC
AVSS
CRT
RL
RL
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com