Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 320 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 320 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 316Page - National Semiconductor (TI) SC2200 Datasheet HTML 317Page - National Semiconductor (TI) SC2200 Datasheet HTML 318Page - National Semiconductor (TI) SC2200 Datasheet HTML 319Page - National Semiconductor (TI) SC2200 Datasheet HTML 320Page - National Semiconductor (TI) SC2200 Datasheet HTML 321Page - National Semiconductor (TI) SC2200 Datasheet HTML 322Page - National Semiconductor (TI) SC2200 Datasheet HTML 323Page - National Semiconductor (TI) SC2200 Datasheet HTML 324Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 433 page
background image
www.national.com
320
Revision 3.0
Video Processor Module (Continued)
The GenLock control hardware is used to synchronize the
video input’s field with the GX1 module’s graphics frame.
The graphics data is always sent full frame. For the Gen-
Lock function to perform correctly, the GX1 module’s Dis-
play Controller must be programmed to have a slightly
faster frame time then the video input’s field time. This is
best accomplished by programming the GX1 module’s Dis-
play Controller with a few less (three to five) horizontal lines
then the VIP interface. GenLock is accomplished by stop-
ping the clock driving the GX1 module’s graphics frame
until the VIP vertical sync occurs (plus some additional
delay, via F4BAR0+Memory Offset 424h).
The
GenLock
function
provides
a
timeout
feature
(GENLOCK_TOUT_EN, F4BAR0+Memory Offset 420h[4])
in case the video port input clock stops due to a problem
with incoming video.
6.2.1.2
Capture Video Mode
Capture Video mode is a process for bus mastering Video
data received from the VIP block to the GX1 module’s
Video Frame Buffer. The GX1 module’s Display Controller
then moves the data from the Video Frame Buffer to the
Video Formatter. Usually Capture Video mode is used
because the data coming in from the VIP block is interlaced
andhas a30Hzrefresh rate (NTSC format) andthe output
device, CRT monitor or TFT panel, is progressive and has
a 60 to 85 Hz refresh rate. The Capture Video mode pro-
cess must convert the interlaced data to progressive data
and change the frames per second. There are two methods
to perform the interlaced to progressive conversion; Bob
and Weave. Each method uses a different mechanism to
up the refresh rate
Bob
The Bob method displays the odd frame followed by the
even frame. If a full-scale image is displayed, each line in
the odd and even field must be vertically doubled (see Sec-
tion 6.2.2.5 "2-Tap Vertical and Horizontal Upscalers" on
page 325) because each odd and each even field only con-
tain one-half a frames worth of data. This means that the
Bob method reduces the video image resolution, but has a
higher effective refresh rate. If there is a change of refresh
rate from the VIP block to the display device, then a field
will sometimes be displayed twice. The advantage of this
method is that the process is simple as only half the data is
transmitted from the GX1 module’s Video Frame Buffer to
the Video Processor per a given amount of time, therefore
reducing the memory bandwidth requirement. The disad-
vantage is that there are some observable visual effects
due to the reduction in resolution.
Figure 6-5 on page 321 is an example of how the Bob
method is performed. The example assumes that the dis-
play device is a CRT at 85 Hz refresh and single buffering
is used for the data. The example does not assume any-
thing regarding scaling that may be performed in the Video
Processor. The example is only presented to allow for a
general understanding of how the SC2200’s video support
hardware works and not as an all-inclusive statement of
operation.
The following procedure is an example of how to create a
Bob method. This example assumes single buffering in the
GX1 module’s video frame buffer. The Video Processor
registers that control the VIP bus master only need to be
initialized.
1)
Program the VIP bus master address registers.
Three registers control where the VIP video data is
stored in the GX1 module’s frame buffer:
– F4BAR2+Memory Offset 20h – Video Data Odd
Base Address
– F4BAR2+Memory Offset 24h – Video Data Even
Base Address
– F4BAR2+Memory Offset 28h – Video Data Pitch
The Video Data Even Base Address must be sepa-
rated from the Video Data Odd Base Address by at
least the field data size. The Video Data Pitch register
must be programmed to 00000000h.
2)
Program other VIP bus master support registers.
In F4BAR2+Memory Offset 00h, make sure that the
VIP FIFO bus request threshold is set to 32 bytes (bit
22 = 1) and that the Video Input Port mode is set to
CCIR-656. An interrupt needs to be generated so that
the GX1 module’s video frame buffer pointer can flip to
the field that has completed transfer to the video frame
buffer. So in F4BAR2+Memory Offset 04h, enable the
Field Interrupt bit. Auto-Flip is normally set to allow the
CCIR-656 Decoder to identify which field is being pro-
cessed. Capture video data needs to be enabled and
Run Mode Capture is set to Start Capture at beginning
of next field. Data is now being captured to the frame
buffer.
3)
Field Interrupt.
When the field interrupt occurs, the interrupt handler
must program the GX1 module’s video buffer start off-
set value (GX_BASE+Memory Offset 8320h) with the
address of the field that was just received from the VIP
interface. This action will cause the display controller
to ping-pong between the two fields. The new address
will not take affect until the start of a new display con-
troller frame. The field that was just received can be
known
by
reading
the
Current
Field
bit
at
F4BAR2+Memory Offset 08h[24].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com