Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 424 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 424 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 420Page - National Semiconductor (TI) SC2200 Datasheet HTML 421Page - National Semiconductor (TI) SC2200 Datasheet HTML 422Page - National Semiconductor (TI) SC2200 Datasheet HTML 423Page - National Semiconductor (TI) SC2200 Datasheet HTML 424Page - National Semiconductor (TI) SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 433 page
background image
www.national.com
424
Revision 3.0
Electrical Specifications (Continued)
8.3.15 Power-Up Sequencing
Figure 8-55. Power-Up Sequencing With PWRBTN# Timing Diagram
Table 8-43. Power-Up Sequence Using the Power Button Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
t1
Voltage sequence
-10
10
ms
t2
PWRBTN# inactive after VSB or VSBL
applied, whichever is applied last
0
1
µs
PWRBTN#is aninput andmust
be powered by VSB.
t3
PWRBTN# active pulse width
16
4000
ms
If PWRBTN# max is exceeded,
ONCTL# will go inactive.
t4
ONCTL# inactive after VSB applied
0
1
ms
t5
Signal active after PWRBTN active
16
32
ms
t6
VCORE and VIO applied after ONCTL#
active
0
ms
System determines when VCORE
and VIO are applied, hence there
is no maximum constraint.
t7
POR# inactive after VCORE and VIO
applied
50
ms
POR# must not glitch during
active time.
t1
VSBL
VSB
VCORE
VIO
PWRBTN#
ONTCL#
PWRCNT[2:1]
POR#
t4
t2
t3
t1
t6
t5
t7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com