Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 428 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 428 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 424Page - National Semiconductor (TI) SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) SC2200 Datasheet HTML 430Page - National Semiconductor (TI) SC2200 Datasheet HTML 431Page - National Semiconductor (TI) SC2200 Datasheet HTML 432Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 433 page
background image
www.national.com
428
Revision 3.0
9.0
Package Specifications
The figures in this section provide the mechanical package outlines for the 432-Terminal EBGA (Enhanced Ball Grid Array)
and 481-Terminal TEPBGA (Thermally Enhanced Ball Grid Array) packages.
Figure 9-1. 432-Terminal EBGA Package (Body Size: 40x40x1.72 mm; Pitch: 1.27 mm)
NOTES: UNLESS OTHERWISE SPECIFIED.
1)
SOLDER BALL COMPOSITION: SN 63%, PB 37%.
2)
DIMENSION IS MEASURED AT THE MAXIMUM SOLDER BALL DIAMETER, PARALLEL TO PRIMARY DATUM N.
3)
REFERENCE JEDEC REGISTRATION MO-151, VARIATION -1.00, DATED JUNE 1997.
4)
THETA JUNCTION TO CASE (TJC)= 1°C/WATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com