Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 431 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 431 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) SC2200 Datasheet HTML 430Page - National Semiconductor (TI) SC2200 Datasheet HTML 431Page - National Semiconductor (TI) SC2200 Datasheet HTML 432Page - National Semiconductor (TI) SC2200 Datasheet HTML 433Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 431 / 433 page
background image
Revision 3.0
431
www.national.com
Support Documentation (Continued)
Table A-2. Edits to Current Revision
Section
Revision
General Description /
Features
• No changes.
Section 1.0 "Architec-
ture Overview"
• No changes.
Section 2.0 "Signal
Definitions"
• Table 2-2 "432-EBGA Ball Assignment - Sorted by Ball Number" on page 22:
— Added “(PU22.5)” notation to balls AJ10, AK10, AL10 and AJ11, LAD[3:0] functions.
• Table 2-4 "481-TEPBGA Ball Assignment - Sorted by Ball Number" on page 37:
— Added “(PU22.5)” notation to balls L29, L30, L31 and M28, LAD[3:0] functions.
• Table 2-7 "Two-Signal/Group Multiplexing" on page 52:
— The TEPBGA ball numbers for IDE_ADDR[2:0] and IDE_DATA[15:0] were wrong.
Fixed to match ball assignment..
• Section 2.4.8 "Low Pin Count (LPC) Bus Interface Signals" on page 67:
— LPCPD# - Added “/IRRX2” to GPIO38 in the Mux column.
• Section 2.4.12 "Parallel Port Interface Signals" on page 71:
— STB#WRITE - Added “+F_FRAME” to TFTD17 in the Mux column.
• Section 2.4.16 "GPIO Interface Signals" on page 75:
— Corrected Mux column for GPIO8 (had “+SDTEST5”, changed to “+SDTEST4”).
— The TEPBGA ball numbers for GPIO14 through GPIO19 were wrong. Fixed to match
ball assignment.
•
Section 3.0 "General
Configuration Block"
• Table 3-1 "General Configuration Block Register Summary" on page 80:
— Offset 30h[27] - Corrected TEPBGA ball number for F_AD6 (was A29, changed to
A20).
— Offset 30h[9] - Corrected muxing for INTC# and GPIO19 (i.e., setting for PMR[4] was
reversed).
— Offset 34h[0] - Changed description from Reserved to SDBE0 (Slave Disconnect
Boundary Enable).
Section 4.0 "SuperI/O
Module"
• Table 4-32 "ACB Registers" on page 135:
— Offset 05h - Changed values to binary: 00010002 (810) to 0001000b and 11111112
(12710) to 1111111b.
Section 5.0 "Core
Logic Module"
• Physical Region Descriptor Format on 177:
— Fixed table cross-reference in first paragraph (changed to Table 5-11).
• Table 5-23 "F3BAR0: XpressAUDIO Support Registers Summary" on page 193:
— Offset 24h - Changed Width column from “---” to “32”.
• Table 5-38 "F3BAR0+Memory Offset: XpressAUDIO Configuration Registers" on page
269:
— Offset 0Ch[16] - Changed last two sentences into one. Now reads, “This bit is set by
hardware when a codec command is written to the Codec Command register. It
remains set until the command has been sent to the codec.
• Table 5-27 "USB_BAR: USB Controller Registers Summary" on page 196:
— Offset 48h - Changed reset value of from 01000002h to 01000003h.
• Table 5-42 "USB_BAR+Memory Offset: USB Controller Registers" on page 291:
— Offset 48h - Changed reset value of from 01000002h to 01000003h.
Section 6.0 "Video
Processor Module"
• Figure 6-2 "NTSC 525 Lines, 60 Hz, Odd Field" on page 318:
— Changed VSYNC to VSYNC Start and VSYNC End.
• Figure 6-3 "NTSC 525 Lines, 60 Hz, Even Field" on page 318:
— Changed VSYNC to VSYNC Start and VSYNC End.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com