Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 430 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 430 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 425Page - National Semiconductor (TI) SC2200 Datasheet HTML 426Page - National Semiconductor (TI) SC2200 Datasheet HTML 427Page - National Semiconductor (TI) SC2200 Datasheet HTML 428Page - National Semiconductor (TI) SC2200 Datasheet HTML 429Page - National Semiconductor (TI) SC2200 Datasheet HTML 430Page - National Semiconductor (TI) SC2200 Datasheet HTML 431Page - National Semiconductor (TI) SC2200 Datasheet HTML 432Page - National Semiconductor (TI) SC2200 Datasheet HTML 433Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 430 / 433 page
background image
www.national.com
430
Revision 3.0
Appendix A
Support Documentation
A.1
ORDER INFORMATION
A.2
DATASHEET REVISION HISTORY
This document is a report of the revision/creation process
of the datasheet for the Geode SC2200. Any revisions (i.e.,
additions, deletions, parameter corrections, etc.) are
recorded in the table below.
Order Number
(NSID)
Part Marking
Core
Frequency
(MHz)
Core
Voltage
(VCORE)
Temperature
(Degree C)
Package
SC2200UCL-266
SC2200UCL-266
266
1.8V
0 - 85
EBGA
SC2200UCL-300
SC2200UCL-300
300
2.0V
0 - 85
SC2200UFH-233
SC2200UFH-233
233
1.8V
0 - 85
TEPBGA
SC2200UFH-266
SC2200UFH-266
266
1.8V
0 - 85
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.1
(August 1999)
First draft of datasheet. (For internal review only)
0.2
(October 1999)
Second draft.
0.5
(January 2000)
Draft.
0.8
(March 2000)
Draft
1.0
(July 2000)
Preliminary datasheet.
1.1
(August 2000)
Corrected typos, removed unimplemented features.
1.32
(February 2001)
Preliminary datasheet. GNT[1:0]# strapping functions changed. Minor modifications and correc-
tions. Video Input Port (VIP) added.
2.0
(April 2002)
The entire datasheet has been reformatted and several sections re-written. Strap information and
TEPBGA ball assignments have been added. Additionally, internal test signals and multiplexing
have been included. Datasheet should be viewed as a new document.
2.1
(June 2002)
Release for posting on external web site. Changes made to the Architecture Overview, Signal Defi-
nitions, Core Logic Module, Video Processor Module, Electrical Specifications, and Package Speci-
fications chapters.
3.0
(August 2002)
Major corrections include fixing TEPBGA ball numbers in “Two-Signal/Group Multiplexing” table
(Table 2-7) and GPIO signal descriptions (Section 2.4.16). Additions include breaking out 233/266
and 300 MHz values for VCORE,VSBL, and VCCCRT in “Operating Conditions” table (Table 8-2). See
Table A-2 "Edits to Current Revision" for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com